Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2815S/883 Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MFL2815S/883
Description  MFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL2815S/883 Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MFL2815S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MFL Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 13
Rev D - 20060601
28 VOLT INPUT – 65 WATT
DESCRIPTION
The MFL Series™ 28-volt DC/DC converters are rated up to 65
watts of output power over a –55°C to +125°C temperature range
with a 28 VDC nominal input. On dual output models up to 70% of
the rated output power can be drawn from either the positive or
negative output. Current sharing allows the units to be paralleled for
total power of up to 148 watts. The welded, hermetically sealed
package is only 3.005 x 1.505 x 0.400 inches, giving the series an
overall power density of up to 43 watts per cubic inch.
DESIGN FEATURES
The MFL Series converters are switching regulators that use a
quasi-square wave, single ended forward converter design with a
constant switching frequency of 600 kHz.
Isolation between input and output circuits is provided with a trans-
former in the forward path and a wide bandwidth magnetic coupling
in the feedback control loop. The MFL uses a unique dual loop feed-
back technique that controls output current with an inner feedback
loop and an output voltage with a cascaded voltage mode feedback
loop.
The additional secondary current mode feedback loop improves
transient response in a manner similar to primary current mode
control and allows for ease of paralleling, but without the cost and
complexity.
The constant frequency, pulse-width modulated converters use a
quasi-square wave single-ended forward design. Tight load regula-
tion is achieved through a wide-bandwidth magnetic feedback
circuit. The output on single MFL models can be trimmed (see
Figure 1 for voltage changes with different resistor values).
INHIBIT
The MFL Series converters have two TTL compatible inhibit termi-
nals (INH1 and INH2) that can be used to disable power conversion,
resulting in a very low quiescent input current and no generation of
switching noise. An open collector TTL compatible low (<0.8 volts)
is required to inhibit the converter between INH1 (pin 4) and Input
Common (pin 2). An open collector TTL compatible low (<0.5 volts)
is required to inhibit the converter between INH2 (pin 12) and Output
Common (pin 8). The application of intermediate voltages to these
pins (1.5 to 10.5 volts) should be avoided.
SYNC
Converters may be synced to an external clock (525 to 675 kHz) or
to one another by using the sync in or out pins. The nominal free-
run switching frequency is 600 kHz.
CURRENT AND PARALLEL OPERATION
Multiple MFL converters may be used in parallel to drive a common
load (see Figure 2). In this mode of operation the load current is
shared by two or three MFL converters. In current sharing mode,
one MFL converter is designated as a master. The SLAVE pin (pin
11) of the master is left unconnected and the MSTR/INH2 pin (pin
12) of the master is connected to the SLAVE pin (pin 11) of the slave
units. The units designated as slaves have the MSTR/INH2 pin (pin
12) connected to the SNS RTN pin (pin 9). Figure 2 shows the
typical setup for two or three units in parallel. Note that synchro-
nizing the units together (though shown in the figure) is not required
for current sharing operation. A second slave unit may be placed in
parallel with a master and slave; this requires the TRI pin (pin 3) of
the master unit to be connected to the SNS RTN pin (pin 9).
When paralleled, 76% of the total combined power ratings of the
MFL converters are available at the load. Overload and short circuit
performance are not adversely affected during parallel operation.
FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully Isolated
• Magnetic feedback
• Fixed frequency, 600 kHz typical
• Topology – Single Ended Forward
• 50 V for up to 120 ms transient protection
• Inhibit (input & output side)
• Sync function (in and out)
• Output trim on single output models
• Indefinite short circuit protection
• Remote sense on single output models
• Up to 87% efficiency / 43 W/in3
• Parallelable up to 148 watts
MODELS
VDC OUTPUT
SINGLE
3.3
5
12
15
28
DUAL
±5
±12
±15
Other output voltages
available upon request,
including 2 V, 8 V and
54 V single.


Similar Part No. - MFL2815S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL2815S/883 INTERPOINT-MFL2815S/883 Datasheet
182Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MFL2815S/883 INTERPOINT-MFL2815S/883 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
More results

Similar Description - MFL2815S/883

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_16 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com