Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV283R3S/ES Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MHV283R3S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV283R3S/ES Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MHV283R3S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 2 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 16 to 50 VDC continuous
• Transient: see Electrical Characteristics tables
Output Power
• 15 watts (10 watts MHV283R3S)
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +130°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 130°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Current Limit
• 130% of full load typical at 25°C
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 30 dB typical
Conversion (Switching) Frequency
• Free run mode 300 kHz typical
245 kHz. min, 355 kHz. max
@ Tc = -55° to +125°C
Inhibit Pin Voltage (unit enabled)
• 11 V typical
Undervoltage Lockout
• 7 V input typical
Clock Frequency
• External sync range 490 to 710 kHz.
SYNC AND INHIBIT
Sync In (490 to 710 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min, 10 V max
• Referenced to input common
• If not used, leave unconnected
Sync Out - Referenced to input common
Inhibit (INH1, INH2) : TTL Open Collector
• Logic low (output disabled)
Logic low voltage ≤0.8 V
Inhibit pin current
8.4 mA typical, 10 mA maximum
• Referenced to input common
• Logic high (output enabled)
Open collector
Unconnected or 11.5 to 50 V
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
Non-flanged Single and dual output models
2.125 x 1.125 x 0.400 inches (53.98 x 28.58 x 10.16 mm)
See case H2 for dimensions.
Triple output models
1.950 x 1.350 x 0.405 inches (49.53 x 34.29 x 10.29 mm)
See case F1 for dimensions.
Flanged Single and dual output models
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm)
See case K3 for dimensions.
Triple output models
2.720 x 1.350 x 0.405 inches (69.09 x 34.29 x 10.29 mm)
See case J1 for dimensions.
Weight (maximum)
60 grams typical
Screening
Standard, ES, or 883 (Class H). See “883, Class H, QML
Products – Element Evaluation” and “883, Class H, QML
Products – Environmental Screening” for more information.
Positive
Input
0o
180o
Input
Common
Sync.
Positive
Output,
Main (+5)
Output
Common
Positive
Output,
Auxiliary
Negative
Output,
Auxiliary
Feedback Isolator
Feedback Isolator
PWM CM
Controller
PWM CM
Controller
FIGURE 1: MHV TRIPLE BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com