Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV283R3S/ES Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MHV283R3S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV283R3S/ES Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MHV283R3S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MHV283R3S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 6 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
MHV283R3S
MHV2805S
MHV2812S
MHV2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
3.27
3.30
3.33
4.95
5.00
5.05
11.88
12.00 12.12
14.85 15.00
15.15
VDC
OUTPUT CURRENT
VIN = 16 to 50 VDC
0
—
3.03
0
—
3.0
0
—
1.25
0
—
1.0
A
OUTPUT POWER
VIN = 16 to 50 VDC
0
—
10
0
—
15
0
—
15
0
—
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
VOLTAGE
Tc = –55°C to +125°C
—
5
25
—
5
25
—
5
25
—
5
25
mV p-p
LINE REGULATION
VIN = 16 to 50 VDC
—
0
8
—
0
8
—
1
10
—
4
13
mV
LOAD REGULATION
NO LOAD TO FULL
—
15
30
—
15
40
—
8
30
—
10
35
mV
INPUT VOLTAGE
CONTINUOUS
16
28
50
16
28
50
16
28
50
16
28
50
VDC
NO LOAD TO FULL1
TRANSIENT 120 ms
—
—
80
—
—
80
—
—
75
—
—
60
V
INPUT CURRENT
NO LOAD
—
34
42
—
44
52
—
43
55
—
45
62
mA
INHIBITED
—
8.4
10
—
8.4
10
—
8.4
10
—
8.4
10
mA
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
—
10
45
—
10
40
—
10
40
—
10
40
mA pp
EFFICIENCY
69
72
—
74
77
—
79
81
—
78
81
—
%
LOAD FAULT2
POWER DISSIPATION
SHORT CIRCUIT2
——
7
—
—
8
—
—
7
—
—
7
W
RECOVERY1
—
—
20
—
—
20
—
—
20
—
—
20
ms
STEP LOAD
50% – 100% – 50%
RESPONSE3
TRANSIENT
—
—
300
—
—
300
—
—
350
—
—
450
mV pk
RECOVERY
—
—
1
—
—
1.5
—
—
1.3
—
—
1.3
mS
START-UP
DELAY
—
14
18
—
14
18
—
14
18
—
14
18
ms
0 TO 28 VIN
OVERSHOOT
—
0
100
—
0
100
—
0
120
—
0
150
mV pk
STEP LINE
16-50-16 VDC4
RESPONSE1
TRANSIENT
175
550
550
650
mVpk
RECOVERY4
0.9
2
2.5
2.5
mS
CAPACITIVE LOAD1
200
200
200
200
μF
Notes
1. Guaranteed by design, not tested.
2. Load fault is a short circuit (<50 mΩ). Recovery is into a resistive load.
3. Load step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
4. Input step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com