Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2805S/883 Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MTR2805S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR2805S/883 Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MTR2805S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
DUAL OUTPUT MODELS
MTR2805D
MTR2812D
MTR2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.92
5.00
5.08
11.82
12.00
12.18
14.77
15.00
15.23
OUTPUT CURRENT2, 3
VIN = 16 TO 40 VDC
0
2.5
4.5
0
1.25
2.25
0
1.0
1.8
A
OUTPUT POWER2, 3
VIN = 16 TO 40 VDC
0
—
25
0
—
30
0
—
30
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
20
40
—
30
80
—
25
80
mV p-p
VOLTAGE +/– VOUT
Tc = –55°C TO +125°C
—
40
90
—
40
120
—
40
120
LINE REGULATION4
+VOUT
—
10
50
—
10
50
—
10
50
VIN = 16 TO 40 VDC
–VOUT
—
50
100
—
50
150
—
50
180
mV
Tc = –55°C
+VOUT
—
10
50
—
10
50
—
10
50
TO +125°C
–VOUT
—
50
100
—
50
150
—
50
180
LOAD REGULATION
+VOUT
—
5
50
—
15
50
—
15
50
NO LOAD TO FULL
–VOUT
—
25
100
—
30
150
—
30
180
mV
Tc = –55°C
+VOUT
—
5
50
—
15
50
—
15
50
TO +125°C
–VOUT
—
25
100
—
30
150
—
30
180
CROSS REGULATION1
SEE NOTE 5
—
7
12
—
4
8.3
—
3
8
%
EFFECT ON –VOUT
SEE NOTE 6
—
4
6
—
4
6
—
4
6
INPUT VOLTAGE2
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
35
75
—
50
75
—
50
75
mA
INHIBITED
—
3
8
—
3
8
—
3
8
mA
INPUT RIPPLE
CURRENT2
10 kHz - 10 MHz
—
15
50
—
20
50
—
20
50
mA p-p
EFFICIENCY
76
78
—
78
81
—
80
83
—
%
LOAD FAULT7
POWER DISSIPATION
SHORT CIRCUIT2
—10
—
—10
—
—
10
—
W
RECOVERY1
—
1.4
5.0
—
1.4
5.0
—
1.4
5.0
ms
STEP LOAD
50 – 100 – 50% BALANCED
RESPONSE ± VOUT
TRANSIENT
—
±200
±300
—
±150
±300
—
±200
±400
mV pk
RECOVERY1, 8
—
100
200
—
100
200
—
100
200
μs
STEP LINE1
16 – 40 – 16 VIN
RESPONSE ± VOUT
TRANSIENT9
—
±200
±400
—
±200
±400
—
±400
±500
mV pk
RECOVERY8
—
—
300
—
—
300
—
—
300
μs
START–UP2, 10
DELAY
—
1.4
5
—
1.4
5
—
1.4
5
ms
OVERSHOOT
FULL LOAD1
—
0
50
—
0
120
—
0
150
mV pk
NO LOAD1
—
50
250
—
120
600
—
150
750
CAPACITIVE LOAD1
NO EFFECT ON DC
PERFORMANCE
—
—
500
—
—
500
—
—
500
μF
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. Guaranteed, not tested.
2. Tc = –55°C to +125°C.
3. Up to 90% of the total output current/power is available from either output
providing the positive output is carrying at least 10% of the total output
power.
4. Operation is limited below 16 V (see Figure 22).
5. Effect on negative Vout from 50%/50% loads to 80%/20% or 20%/80%
loads.
6. Effect on negative Vout from 50%/50% loads to 90%/10% or 10%/90%
loads.
7. Indefinite short circuit protection not guaranteed above 125°C case.
8. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
9. Transition time ≥ 10 μs.
10. Tested on release from inhibit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com