Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2805S/883 Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MTR2805S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR2805S/883 Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MTR2805S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 6 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
SINGLE OUTPUT MODELS
MTR283R3S
MTR2805S
MTR2812S
MTR2815S
MTR2818S
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
3.27
3.30
3.34
4.95
5.00
5.05 11.88 12.00 12.12 14.85 15.00 15.15 17.82 18.00 18.18
VDC
OUTPUT CURRENT2
VIN = 16 to 40 VDC
0
––
6.06
0
—
5.0
0
—
2.5
0
—
2.0
0
—
1.67
A
OUTPUT POWER2
VIN = 16 to 40 VDC
0
—
20
0
—
25
0
—
30
0
—
30
0
—
30
W
OUTPUT RIPPLE
10 kHz – 2 MHz
—
15
40
—
35
50
—
25
40
—
25
40
—
—
40
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
—
—
50—50
90—40
90—40
90—
—
90
LINE REGULATION3
Vin = 16 to 40 VDC
—
5
10
—
10
50
—
10
50
—
10
50
—
—
50
mV
Tc = –55°C TO +125°C
—
—
10—15
50—15
50—15
50—
—
50
LOAD REGULATION
NO LOAD TO FULL
—
2
10
—
5
50
—
5
50
—
5
50
—
—
50
mV
Tc = –55°C TO +125°C
—
—
10—15
50—15
50—15
50—
—
50
INPUT VOLTAGE2
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
—
—
50
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT2
NO LOAD
—30
75—35
75—35
75—35
75—
—
75
mA
INHIBITED
—
7
8
—
3
8
—
3
8
—
3
8
—
—
8
mA
INPUT RIPPLE
10 kHz – 10 MHz
CURRENT
Tc = –55°C TO +125°C
—
25
50
—
20
50
—
20
50
—
20
50
—
—
50
mA p-p
EFFICIENCY
74
76
—
76
78
—
80
83
—
81
84
—
81
84
—
%
LOAD FAULT4
SHORT CIRCUIT
POWER DISSIPATION
—
10
—
—
10
—
—
10
—
—
10
—
—
10
W
RECOVERY1, 2, 5
—
1.4
6
—
1.4
5
—
1.4
5
—
1.4
5
—
1.4
5
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
—
±125
±250
—
±200 ±300
—
±250 ±400
—
±350 ±500
—
—
±600
mV pk
RECOVERY1, 4
—
—
200
—
60
200
—
60
200
—
60
200
—
60
—
μs
STEP LINE RESP.1
16 – 40 – 16 VDC
TRANSIENT6
—
—
±300
—
±200 ±300
—
±400 ±500
—
±500 ±600
—
±500
—
mV pk
RECOVERY5
—
—
300
—
—
300
—
—
300
—
—
300
—
300
—
μs
START-UP2, 7
DELAY
—
1.4
5
—
1.4
5
—
1.4
5
—
1.4
5
—
—
5
ms
OVERSHOOT
FULL LOAD1
—0
50
—0
50
—0
120
—0
150
—0
—
mV pk
NO LOAD1
—
33
150
—
50
250
—
120
600
—
150
750
—
—
—
CAPACITIVE LOAD1
NO EFFECT ON DC
PERFORMANCE
—
—
300
—
—
300
—
—
3000
—
—
3000
—
—
2000
μF
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. Guaranteed, not tested.
2. Tc = –55°C to +125°C
3. Operation is limited below 16V (see Figure 22).
4. Indefinite short circuit protection not guaranteed above 125°C case.
5. Recovery time is measured from application of the transient to point at which
Vout is within 1% of final value.
6. Transition time ≥10 μs.
7. Tested on release from inhibit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com