Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC32 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC32
Description  High Speed CMOS Logic Quad 2-Input OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC32 Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC32 Datasheet HTML 1Page - Texas Instruments CD54HC32 Datasheet HTML 2Page - Texas Instruments CD54HC32 Datasheet HTML 3Page - Texas Instruments CD54HC32 Datasheet HTML 4Page - Texas Instruments CD54HC32 Datasheet HTML 5Page - Texas Instruments CD54HC32 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
-0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC
and
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
(Note 4)
∆ICC
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
4. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All
1.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g., 360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oCTO125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay, Input to
Output (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
90
-
115
-
135
ns
4.5
-
-
18
-
23
-
27
ns
6
-
-
15
-
20
-
23
ns
Propagation Delay, Data Input to
Output Y
tPLH, tPHL CL = 15pF
5
-
7
-
----
ns
Transition Times (Figure 1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
CD54HCT32, CD74HC32, CD74HCT32



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com