Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC32 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC32
Description  High Speed CMOS Logic Quad 2-Input OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC32 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC32 Datasheet HTML 1Page - Texas Instruments CD54HC32 Datasheet HTML 2Page - Texas Instruments CD54HC32 Datasheet HTML 3Page - Texas Instruments CD54HC32 Datasheet HTML 4Page - Texas Instruments CD54HC32 Datasheet HTML 5Page - Texas Instruments CD54HC32 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS274
Features
• Typical Propagation Delay: 7ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
• Related Literature
- CD54HC32F3A and CD54HCT32F3A Military
Data Sheet, Document Number 3765
Description
The Harris CD74HC32, CD74HCT32 contain four 2-input OR
gates in one package. Logic gates utilize silicon gate CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The 74HCT logic family is functionally pin
compatible with the standard 74LS logic family.
Pinout
CD54HCT32, CD74HC32, CD74HCT32
(PDIP, CERDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC32E
-55 to 125
14 Ld PDIP
E14.3
CD74HCT32E
-55 to 125
14 Ld PDIP
E14.3
CD74HC32M
-55 to 125
14 Ld SOIC
M14.15
CD74HCT32M
-55 to 125
14 Ld SOIC
M14.15
CD54HCT32F
-55 to 125
14 Ld CERDIP
F14.3
CD54HC32W
-55 to 125
Wafer
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Die for this part number is available which meets all electrical
specifications. Please contact your local sales office or Harris
customer service for ordering information.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
September 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
1643.2
CD54HCT32, CD74HC32,
CD74HCT32
High Speed CMOS Logic
Quad 2-Input OR Gate
[ /Title
(CD54
HCT32
,
CD74
HC32,
CD74
HCT32
)
/Sub-
ject
(High


Similar Part No. - CD54HC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC32 TI-CD54HC32 Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32 TI-CD54HC32 Datasheet
413Kb / 13P
High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32 TI2-CD54HC32 Datasheet
1Mb / 26P
CDx4HC32 Quadruple 2-Input OR Gates
REVISED APRIL 2021
CD54HC32F TI2-CD54HC32F Datasheet
1Mb / 26P
CDx4HC32 Quadruple 2-Input OR Gates
REVISED APRIL 2021
CD54HC32F3A TI-CD54HC32F3A Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad 2-Input OR Gate
More results

Similar Description - CD54HC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC86 TI-CD74HC86 Datasheet
45Kb / 6P
High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD54HC86 TI-CD54HC86 Datasheet
270Kb / 11P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC32 TI-CD54HC32 Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad 2-Input OR Gate
logo
KODENSHI_AUK CORP.
KK74ACT32 KODENSHI-KK74ACT32 Datasheet
221Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC86 TI-CD54HC86_07 Datasheet
414Kb / 13P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC86 TI-CD54HC86_03 Datasheet
35Kb / 5P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_08 Datasheet
443Kb / 13P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
ELM Technology Corporat...
ELM7SH32XB ELM-TECH-ELM7SH32XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC 2-input OR gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com