Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC175 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AC175
Description  Quad D Flip-Flop with Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC175 Datasheet(HTML) 1 Page - Texas Instruments

  74AC175 Datasheet HTML 1Page - Texas Instruments 74AC175 Datasheet HTML 2Page - Texas Instruments 74AC175 Datasheet HTML 3Page - Texas Instruments 74AC175 Datasheet HTML 4Page - Texas Instruments 74AC175 Datasheet HTML 5Page - Texas Instruments 74AC175 Datasheet HTML 6Page - Texas Instruments 74AC175 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS242
Features
• Buffered Inputs
• Typical Propagation Delay
- 6.4ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC175 and CD74ACT175 are quad D flip-flops
with reset that utilize the Harris Advanced CMOS Logic tech-
nology. Information at the D input is transferred to the Q and
Q outputs on the positive-going edge of the clock pulse. All
four flip-flops are controlled by a common clock (CP) and a
common reset (MR). Resetting is accomplished by a LOW
logic level independent of the clock.
Pinout
CD74AC175, CD74ACT175
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74AC175E
-55 to 125
16 Ld PDIP
E16.3
CD74ACT175E
-55 to 125
16 Ld PDIP
E16.3
CD74AC175M
-55 to 125
16 Ld SOIC
M16.15
CD74ACT175M
-55 to 125
16 Ld SOIC
M16.15
NOTES:
13. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
14. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
MR
Q0
Q0
D0
D1
Q1
GND
Q1
VCC
Q3
D3
D2
Q2
Q2
CP
Q3
September 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1998
CD74AC175,
CD74ACT175
Quad D Flip-Flop with Reset
File Number
1964.1
[ /Title
(CD74
AC175
,
CD74
ACT17
5
)
/Sub-
ject
(Quad
D Flip-
Flop
with
Reset)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan
ced
TTL)
/Cre-
ator ()
/DOCI
NFO


Similar Part No. - 74AC175

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AC175 ONSEMI-74AC175 Datasheet
178Kb / 6P
QUAD D FLIP-FLOP WITH MASTER RESET
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
Quad D-Type Flip-Flop
74AC175 FAIRCHILD-74AC175 Datasheet
317Kb / 12P
Quad D-Type Flip-Flop
74AC175MTC FAIRCHILD-74AC175MTC Datasheet
99Kb / 9P
Quad D-Type Flip-Flop
74AC175MTC FAIRCHILD-74AC175MTC Datasheet
317Kb / 12P
Quad D-Type Flip-Flop
More results

Similar Description - 74AC175

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
Quad D Flip-Flop with Common Clock and Reset
REV 6
MC74AC175 ONSEMI-MC74AC175 Datasheet
178Kb / 6P
QUAD D FLIP-FLOP WITH MASTER RESET
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
logo
System Logic Semiconduc...
SL74HC175 SLS-SL74HC175 Datasheet
49Kb / 5P
Quad D Flip-Flop with Common Clock and Reset
logo
Intersil Corporation
ACS175MS INTERSIL-ACS175MS Datasheet
39Kb / 2P
Radiation Hardened Quad D-Type Flip- Flop with Reset
July 1999
logo
Integral Corp.
IN74ACT175 INTEGRAL-IN74ACT175 Datasheet
133Kb / 5P
Quad D Flip-Flop with Common Clock and Reset
logo
AVG Semiconductors(HITE...
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
Quad D Flip-flop with Master Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A_12 Datasheet
157Kb / 11P
Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
MC74HC175A ONSEMI-MC74HC175A_14 Datasheet
93Kb / 9P
Quad D Flip-Flop with Common Clock and Reset
November, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com