Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC280M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC280M
Description  9-Bit Odd/Even Parity Generator/Checker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC280M Datasheet(HTML) 2 Page - Texas Instruments

  CD74AC280M Datasheet HTML 1Page - Texas Instruments CD74AC280M Datasheet HTML 2Page - Texas Instruments CD74AC280M Datasheet HTML 3Page - Texas Instruments CD74AC280M Datasheet HTML 4Page - Texas Instruments CD74AC280M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or Ground Current, ICC or IGND (Note 3) . . . . . . . . .±100mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC (Note 4)
AC Types. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Slew Rate, dt/dv
AC Types, 1.5V to 3V . . . . . . . . . . . . . . . . . . . . . . . . . 50ns (Max)
AC Types, 3.6V to 5.5V . . . . . . . . . . . . . . . . . . . . . . . . 20ns (Max)
ACT Types, 4.5V to 5.5V. . . . . . . . . . . . . . . . . . . . . . . 10ns (Max)
Thermal Resistance (Typical, Note 5)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. For up to 4 outputs per device, add
±25mA for each additional output.
4. Unless otherwise specified, all voltages are referenced to ground.
5.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
AC TYPES
High Level Input Voltage
VIH
-
-
1.5
1.2
-
1.2
-
1.2
-
V
3
2.1
-
2.1
-
2.1
-
V
5.5
3.85
-
3.85
-
3.85
-
V
Low Level Input Voltage
VIL
-
-
1.5
-
0.3
-
0.3
-
0.3
V
3
-
0.9
-
0.9
-
0.9
V
5.5
-
1.65
-
1.65
-
1.65
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
1.5
1.4
-
1.4
-
1.4
-
V
-0.05
3
2.9
-
2.9
-
2.9
-
V
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-4
3
2.58
-
2.48
-
2.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
CD74AC280, CD74ACT280



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com