Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC280M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC280M
Description  9-Bit Odd/Even Parity Generator/Checker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC280M Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC280M Datasheet HTML 1Page - Texas Instruments CD74AC280M Datasheet HTML 2Page - Texas Instruments CD74AC280M Datasheet HTML 3Page - Texas Instruments CD74AC280M Datasheet HTML 4Page - Texas Instruments CD74AC280M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Low Level Output Voltage
VOL
VIH or VIL
0.05
1.5
-
0.1
-
0.1
-
0.1
V
0.05
3
-
0.1
-
0.1
-
0.1
V
0.05
4.5
-
0.1
-
0.1
-
0.1
V
12
3
-
0.36
-
0.44
-
0.5
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
ACT TYPES
High Level Input Voltage
VIH
-
-
4.5 to
5.5
2-2-2-
V
Low Level Input Voltage
VIL
-
-
4.5 to
5.5
-
0.8
-
0.8
-
0.8
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
Low Level Output Voltage
VOL
VIH or VIL
0.05
4.5
-
0.1
-
0.1
-
0.1
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
Additional Supply Current per
Input Pin TTL Inputs High
1 Unit Load
∆ICC
VCC
-2.1
-
4.5 to
5.5
-
2.4
-
2.8
-
3
mA
NOTES:
6. Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to minimize
power dissipation.
7. Test verifies a minimum 50
Ω transmission-line-drive capability at 85oC, 75Ω at 125oC.
ACT Input Load Table
INPUT
UNIT LOAD
All
1.43
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
CD74AC280, CD74ACT280



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com