Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT646M Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74FCT646M
Description  BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT646M Datasheet(HTML) 5 Page - Texas Instruments

  CD74FCT646M Datasheet HTML 1Page - Texas Instruments CD74FCT646M Datasheet HTML 2Page - Texas Instruments CD74FCT646M Datasheet HTML 3Page - Texas Instruments CD74FCT646M Datasheet HTML 4Page - Texas Instruments CD74FCT646M Datasheet HTML 5Page - Texas Instruments CD74FCT646M Datasheet HTML 6Page - Texas Instruments CD74FCT646M Datasheet HTML 7Page - Texas Instruments CD74FCT646M Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8-71
CD74FCT646
Switching Specifications Over Operating Range FCT Series tr, tf = 2.5ns, CL = 50pF, RL (Figure 1) (Note 7)
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Propagation Delays
(Note 8)
Store An
→ Bn, Store Bn → An, An → Bn, Bn → An
tPLH, tPHL
5
6.8
2
9
ns
Select to Data
tPLH, tPHL
5
8.3
2
11
ns
Output Enable to Output
tPZL, tPZH
5
10.5
2
14
ns
Output Disable to Output
tPLZ, tPHZ
5
6.8
2
9
ns
Power Dissipation Capacitance
CPD
(Note 8)
----
pF
Minimum (Valley) VOHV During Switching of
Other Outputs (Output Under Test Not Switching)
VOHV
5
0.5
-
-
V
Maximum (Peak) VOLP During Switching of
Other Outputs (Output Under Test Not Switching)
VOLP
51
-
-
V
Input Capacitance
CI
---
10
pF
Input/Output Capacitance
CI/O
---
15
pF
NOTES:
7. 5V: Minimum is at 5.25V for 0oC to 70oC, Maximum is at 4.75V for 0oC to 70oC, Typical is at 5V.
8. CPD, measured per flip-flop, is used to determine the dynamic power consumption.
PD (per package) = VCC ICC + Σ(VCC
2 f
I CPD + VO
2 f
OCL + VCC ∆ICC D) where:
VCC = supply voltage
∆ICC = flow through current x unit load
CL = output load capacitance
D = duty cycle of input high
fO = output frequency
fI = input frequency
Prerequisite For Switching
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Maximum Frequency
fMAX
5
(Note 9)
-85-
ns
Data to Clock Setup Time
tSU
5-
4
-
ns
Data to Clock Hold Time
tH
5-
2
-
ns
Clock Pulse Width
tW
5-
6
-
ns
NOTE:
9. 5V: Minimum is at 4.75V for 0oC to 70oC, Typical is at 5V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com