Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT646M Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT646M
Description  BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT646M Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT646M Datasheet HTML 1Page - Texas Instruments CD74FCT646M Datasheet HTML 2Page - Texas Instruments CD74FCT646M Datasheet HTML 3Page - Texas Instruments CD74FCT646M Datasheet HTML 4Page - Texas Instruments CD74FCT646M Datasheet HTML 5Page - Texas Instruments CD74FCT646M Datasheet HTML 6Page - Texas Instruments CD74FCT646M Datasheet HTML 7Page - Texas Instruments CD74FCT646M Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8-67
Data sheet acquired from Harris Semiconductor
SCHS261
Features
• Buffered Inputs
• Typical Propagation Delay: 6.8ns at VCC = 5V,
TA = 25
oC, C
L = 50pF
• Noninverting
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 64mA Output Sink Current
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Description
The CD74FCT646 three-state octal bus transceiver/register
uses a small geometry BiCMOS technology. The output
stage is a combination of bipolar and CMOS transistors that
limits the output HIGH level to two diode drops below VCC.
This resultant lowering of output swing (0V to 3.7V)
reduces power bus ringing (a source of EMI) and minimizes
VCC bounce and ground bounce and their effects during
simultaneous output switching. The output configuration
also enhances switching speed and is capable of sinking
64 milliamperes.
This device is a bus transceiver with D-Type flip-flops which
act as internal storage registers on the LOW to HIGH transi-
tion of either CAB or CBA clock inputs. Output Enable (OE)
and Direction (DIR) inputs control the transceiver functions.
Data present at the high impedance output can be stored in
either register or both but only one of the two buses can be
enabled as outputs at any one time. The Select controls
(SAB and SBA) can multiplex stored and transparent (real
time) data. The Direction control determines which data bus
will receive data when the Output Enable (OE) is LOW. In the
high impedance mode (Output Enable HIGH), A data can be
stored in one register and B data can be stored in the other
register. The clocks are not gated with the Direction (DIR)
and Output Enable (OE) terminals; data at the A or B termi-
nals can be clocked into the storage flip-flops at any time.
Pinout
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT646EN
0 to 70
24 Ld PDIP
E24.3
CD74FCT646M
0 to 70
24 Ld SOIC
M24.3
CD74FCT646SM
0 to 70
24 Ld SSOP
M24.209
NOTE: When ordering the suffix M and SM packages, use the entire
part number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT646
(PDIP, SOIC, SSOP)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
CAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
B1
B3
B4
B6
B0
B5
B7
B2
SAB
DIR
CBA
SBA
OE
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1997
CD74FCT646
BiCMOS FCT Interface Logic,
Octal Bus Transceiver/Register, Three-State
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology
File Number
2393.2


Similar Part No. - CD74FCT646M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT646M TI1-CD74FCT646M Datasheet
277Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT646M96 TI1-CD74FCT646M96 Datasheet
277Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CD74FCT646M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74FCT623 TI-CD54-74FCT623 Datasheet
177Kb / 6P
FCT INTERFACE LOGIC(OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING)
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT564 TI-CD74FCT564 Datasheet
29Kb / 5P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT861A TI1-CD74FCT861A Datasheet
101Kb / 10P
BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com