Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC111
Description  1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC111 Datasheet(HTML) 2 Page - Texas Instruments

  CDC111 Datasheet HTML 1Page - Texas Instruments CDC111 Datasheet HTML 2Page - Texas Instruments CDC111 Datasheet HTML 3Page - Texas Instruments CDC111 Datasheet HTML 4Page - Texas Instruments CDC111 Datasheet HTML 5Page - Texas Instruments CDC111 Datasheet HTML 6Page - Texas Instruments CDC111 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CDC111
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
SCAS321G – SEPTEMBER 1993 – REVISED AUGUST 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagram (positive logic)
Y0
Y0
25
24
Y1
Y1
23
21
Y2
Y2
20
19
Y3
Y3
18
17
Y4
Y4
16
14
Y5
Y5
13
12
Y6
Y6
11
10
Y7
Y7
9
7
Y8
Y8
6
5
28
2
27
CLKIN
CLKIN
OE
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
– 18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
– 18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
– 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
"80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2)
525 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a juction temperature of 150
_C and a board trace length of 750 mils.
For more information, refer to the
Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com