Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC111 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC111
Description  1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC111 Datasheet(HTML) 4 Page - Texas Instruments

  CDC111 Datasheet HTML 1Page - Texas Instruments CDC111 Datasheet HTML 2Page - Texas Instruments CDC111 Datasheet HTML 3Page - Texas Instruments CDC111 Datasheet HTML 4Page - Texas Instruments CDC111 Datasheet HTML 5Page - Texas Instruments CDC111 Datasheet HTML 6Page - Texas Instruments CDC111 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDC111
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
SCAS321G – SEPTEMBER 1993 – REVISED AUGUST 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT
tPLH
VCC – 0.9 V
VCC – 1.7 V
CLKIN
ZO = 50 Ω
50
Ω
VOH
VOL
VCC – 2 V
Y
Outputs
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tPLH
tPHL
VCC – 0.9 V
VCC – 1.7 V
OE
VOH
VOL
Y
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Y
tPLH
tPHL
50%
tPHL
50%
tr
tf
VOH
VOL
Y, Y
Outputs
80%
20%
80%
20%
VOLTAGE WAVEFORMS
RISE AND FALL TIMES
CLKIN
Waveform 1
NOTES: A. All input pulses are supplied by generators having the following characteristics: PRR
≤ 45 MHz, ZO = 50 Ω, tr ≤ 1 ns, tf ≤ 1 ns.
B. Waveform 1 is for a Y output with internal conditions such that the output is high except when disabled by the output control, and
for a Y output with internal conditions such that the output is low except when disabled by the output control.
C. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com