Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC318A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC318A
Description  1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC318A Datasheet(HTML) 1 Page - Texas Instruments

  CDC318A Datasheet HTML 1Page - Texas Instruments CDC318A Datasheet HTML 2Page - Texas Instruments CDC318A Datasheet HTML 3Page - Texas Instruments CDC318A Datasheet HTML 4Page - Texas Instruments CDC318A Datasheet HTML 5Page - Texas Instruments CDC318A Datasheet HTML 6Page - Texas Instruments CDC318A Datasheet HTML 7Page - Texas Instruments CDC318A Datasheet HTML 8Page - Texas Instruments CDC318A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDC318A
1-LINE TO 18-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS614 – SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High-Speed, Low-Skew 1-to-18 Clock Buffer
for Synchronous DRAM (SDRAM) Clock
Buffering Applications
D Output Skew, tsk(o), Less Than 250 ps
D Pulse Skew, tsk(p), Less Than 500 ps
D Supports up to Four Unbuffered SDRAM
Dual Inline Memory Modules (DIMMs)
D I2C Serial Interface Provides Individual
Enable Control for Each Output
D Operates at 3.3 V
D Distributed VCC and Ground Pins Reduce
Switching Noise
D 100-MHz Operation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015
D Packaged in 48-Pin Shrink Small Outline
(DL) Package
description
The CDC318A is a high-performance clock buffer
designed to distribute high-speed clocks in PC
applications. This device distributes one input (A)
to 18 outputs (Y) with minimum skew for clock
distribution. The CDC318A operates from a 3.3-V
power supply. It is characterized for operation
from 0
°C to 70°C.
This device has been designed with consideration
for optimized EMI performance. Depending on the
application layout, damping resistors in series to
the clock outputs (like proposed in the PC100
specification) may not be needed in most cases.
The device provides a standard mode (100K-bits/s) I2C serial interface for device control. The implementation
is as a slave/receiver. The device address is specified in the I2C device address table. Both of the I2C inputs
(SDATA and SCLOCK) are 5-V tolerant and provide integrated pullup resistors (typically 140 k
Ω).
Three 8-bit I2C registers provide individual enable control for each of the outputs. All outputs default to enabled
at powerup. Each output can be placed in a disabled mode with a low-level output when a low-level control bit
is written to the control register. The registers are write only and must be accessed in sequential order (i.e.,
random access of the registers is not supported).
The CDC318A provides 3-state outputs for testing and debugging purposes. The outputs can be placed in a
high-impedance state via the output-enable (OE) input. When OE is high, all outputs are in the operational state.
When OE is low, the outputs are placed in a high-impedance state. OE provides an integrated pullup resistor.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
NC
NC
VCC
1Y0
1Y1
GND
VCC
1Y2
1Y3
GND
A
VCC
2Y0
2Y1
GND
VCC
2Y2
2Y3
GND
VCC
5Y0
GND
VCC
SDATA
NC
NC
VCC
4Y3
4Y2
GND
VCC
4Y1
4Y0
GND
OE
VCC
3Y3
3Y2
GND
VCC
3Y1
3Y0
GND
VCC
5Y1
GND
GND
SCLOCK
NC – No internal connection
Intel is a trademark of Intel Corporation


Similar Part No. - CDC318A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC318A TI1-CDC318A Datasheet
500Kb / 14P
1Line to 10Line Clock Driver
CDC318A TI2-CDC318A Datasheet
290Kb / 16P
1-LINE TO 18-LINE CLOCK DRIVER WITH 12C CONTROL INTERFACE
REVISED JUNE 2002
CDC318ADL TI1-CDC318ADL Datasheet
500Kb / 14P
1Line to 10Line Clock Driver
CDC318ADL TI2-CDC318ADL Datasheet
290Kb / 16P
1-LINE TO 18-LINE CLOCK DRIVER WITH 12C CONTROL INTERFACE
REVISED JUNE 2002
CDC318ADL.B TI2-CDC318ADL.B Datasheet
290Kb / 16P
1-LINE TO 18-LINE CLOCK DRIVER WITH 12C CONTROL INTERFACE
REVISED JUNE 2002
More results

Similar Description - CDC318A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC319 TI-CDC319 Datasheet
168Kb / 11P
1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC328A TI-CDC328A Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329A TI-CDC329A Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC329 TI-CDC329 Datasheet
89Kb / 6P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC318 TI-CDC318 Datasheet
198Kb / 13P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com