Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3680D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS3680D
Description  QUAD TELEPHONE RELAY DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS3680D Datasheet(HTML) 1 Page - Texas Instruments

  DS3680D Datasheet HTML 1Page - Texas Instruments DS3680D Datasheet HTML 2Page - Texas Instruments DS3680D Datasheet HTML 3Page - Texas Instruments DS3680D Datasheet HTML 4Page - Texas Instruments DS3680D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS3680
QUAD TELEPHONE RELAY DRIVER
SLRS014C – MARCH 1986 – REVISED SEPTEMBER 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Designed for –52-V Battery Operation
• 50-mA Output Current Capability
• Input Compatible With TTL and CMOS
• High Common-Mode Input Voltage Range
• Very Low Input Current
• Fail-Safe Disconnect Feature
• Built-in Output Clamp Diode
• Direct Replacement for National DS3680
and Fairchild
µA3680
description
The DS3680 telephone relay driver is a monolithic
integrated circuit designed to interface – 48-V
relay systems to TTL or other systems in
telephone applications. It is capable of sourcing
up to 50 mA from standard – 52-V battery power.
To reduce the effects of noise and IR drop between
logic ground and battery ground, these drivers are
designed to operate with a common-mode input
range of
±20 V referenced to battery ground. The
common-mode input voltages for the four drivers
can be different, so a wide range of input elements
can be accommodated. The high-impedance
inputs are compatible with positive TTL and
CMOS levels or negative logic levels. A clamp
network is included in the driver outputs to limit
high-voltage transients generated by the relay coil
during switching. The complementary inputs
ensure that the driver output is off as a fail-safe
condition when either output is open.
The DS3680 is characterized for operation from
0
°C to 70°C.
IN +
IN –
15 k
Ω
OUT
BAT GND
BAT NEG
schematic diagram (each driver)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1 IN +
1 IN –
2 IN –
2 IN +
3 IN +
3 IN –
4 IN –
BAT GND
1 OUT
2 OUT
3 OUT
4 OUT
BAT NEG
4 IN +
D OR N PACKAGE
(TOP VIEW)
symbol (each driver)
BAT GND
+
–
OUT
BAT NEG
IN +
IN –
All resistor values shown are nominal.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - DS3680D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3680D TI1-DS3680D Datasheet
262Kb / 10P
QUAD TELEPHONE RELAY DRIVER
DS3680D TI2-DS3680D Datasheet
428Kb / 11P
QUAD TELEPHONE RELAY DRIVER
REVISED SEPTEMBER 1995
DS3680D.A TI2-DS3680D.A Datasheet
428Kb / 11P
QUAD TELEPHONE RELAY DRIVER
REVISED SEPTEMBER 1995
DS3680DE4 TI1-DS3680DE4 Datasheet
262Kb / 10P
QUAD TELEPHONE RELAY DRIVER
DS3680DE4 TI2-DS3680DE4 Datasheet
428Kb / 11P
QUAD TELEPHONE RELAY DRIVER
REVISED SEPTEMBER 1995
More results

Similar Description - DS3680D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3680 NSC-DS3680 Datasheet
116Kb / 6P
Quad Negative Voltage Relay Driver
logo
Texas Instruments
UC1702 TI-UC1702 Datasheet
162Kb / 4P
Quad PWM Relay Driver
logo
Agere Systems
L7590C AGERE-L7590C Datasheet
269Kb / 10P
Telephone Ringing Driver
June 1998
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
QUAD DRIVER
logo
Gamewell-FCI by Honeywe...
QRU-EOL GAMEWELL-FCI-QRU-EOL Datasheet
49Kb / 1P
Quad Relay Unit
logo
Texas Instruments
DS3680-N TI1-DS3680-N Datasheet
184Kb / 8P
DS3680 Quad Negative Voltage Relay Driver
DS3680 TI1-DS3680_16 Datasheet
262Kb / 10P
QUAD TELEPHONE RELAY DRIVER
UC1702 TI1-UC1702_08 Datasheet
196Kb / 6P
Quad PWM Relay Driver
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com