Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC3130 Datasheet(PDF) 1 Page - Texas Instruments

Part # HPC3130
Description  PCI HOT PLUG CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HPC3130 Datasheet(HTML) 1 Page - Texas Instruments

  HPC3130 Datasheet HTML 1Page - Texas Instruments HPC3130 Datasheet HTML 2Page - Texas Instruments HPC3130 Datasheet HTML 3Page - Texas Instruments HPC3130 Datasheet HTML 4Page - Texas Instruments HPC3130 Datasheet HTML 5Page - Texas Instruments HPC3130 Datasheet HTML 6Page - Texas Instruments HPC3130 Datasheet HTML 7Page - Texas Instruments HPC3130 Datasheet HTML 8Page - Texas Instruments HPC3130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
HPC3130
PCI HOT PLUG CONTROLLER
SCPS029B – DECEMBER1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Compliant with PCI Hot-Plug Specification,
Revision 1.0
D Supports up to Four Independently
Controlled Hot-Plug Slots
D Provides Register Accessing Through Both
Generic Parallel Bus and Two-Wire Serial
Interface
D Provides Interrupt and Event Status/Enable
State Compliant with ACPI Specification 1.0
D Provides an Automatic Bus Connection
Sequencing Feature
D Supports 66-MHz PCI Clock Frequency
D Features Two Attention Indicators with
Variable LED Blinking Rates per Slot
D Provides an Easy Scheme to Cascade the
HPC3130 for Compact PCI Applications
D Provides Card Detection Mechanism
Independent of PCI Present Signals for
Advanced Card Protection
D Provides Path to Guarantee Idle State
During PCI Bus Connections
D Fabricated in Advanced Low-Power CMOS
Process
D Features a CBT Switch† Control Feature for
REQ64 Implementation
D Package Options:
– 120-pin QFP Package
– 128-pin LQFP Package
– 144-pin LQFP Package
Table of Contents
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
66 MHz PCI Support
24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Functional Block Diagram
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Configuration and Control Registers
25
. . . . . . . . . . . . . . . . . . . . . . . . .
Pin Assignments (120-Pin)
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
32
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin Assignments (128-Pin)
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
33
. . . . . . . . . . . . . . . . . . . . . . . .
Pin Assignments (144-Pin)
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Serial Bus Interface
34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Name/Pin Number Sort Table (120-Pin)
6
. . . . . . . . . . . . . . . . .
Electrical Characteristics
34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Name/Pin Number Sort Table (128-Pin)
8
. . . . . . . . . . . . . . . . .
PCI Clock/Reset Timing Requirements
35
. . . . . . . . . . . . . . . . . . . . . . .
Signal Name/Pin Number Sort Table (144-Pin)
10
. . . . . . . . . . . . . . . .
PCI Timing Requirements
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Functions
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mechanical Data (120-Pin)
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
HPC3130 Applications
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mechanical Data (128-Pin)
38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SLOTREQ64
23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mechanical Data (144-Pin)
39
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Copyright
© 1998, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† Contact Texas Instrument’s Bus Interface product group for information related to CBT switches.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - HPC3130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
PCI HOT PLUG CONTROLLER
HPC3130APBMQUADFLAT TI-HPC3130APBMQUADFLAT Datasheet
537Kb / 41P
PCI HOT PLUG CONTROLLER
More results

Similar Description - HPC3130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
PCI Hot Plug Controller
March 2000
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
PCI Hot Plug Controller
November 18, 2004
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com