Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC3130 Datasheet(PDF) 21 Page - Texas Instruments

Part # HPC3130
Description  PCI HOT PLUG CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HPC3130 Datasheet(HTML) 21 Page - Texas Instruments

Back Button HPC3130 Datasheet HTML 17Page - Texas Instruments HPC3130 Datasheet HTML 18Page - Texas Instruments HPC3130 Datasheet HTML 19Page - Texas Instruments HPC3130 Datasheet HTML 20Page - Texas Instruments HPC3130 Datasheet HTML 21Page - Texas Instruments HPC3130 Datasheet HTML 22Page - Texas Instruments HPC3130 Datasheet HTML 23Page - Texas Instruments HPC3130 Datasheet HTML 24Page - Texas Instruments HPC3130 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
HPC3130
PCI HOT PLUG CONTROLLER
SCPS029B – DECEMBER1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IDLEREQ, IDLEGNT, FRAME, and IRDY pins are not connected in manual mode. In contrast, during automatic
connection, the HPC3130 requests the PCIBus to make sure it is idle before it sequences through the
connection sequence.
In manual mode, software has to perform each part of the connection sequence. Figure 9 is an example of the
manual connection sequence. There could be several other ways to implement this protocol.
PCI_CLK
PWRON/OFF
PWRGOOD
SLOTRST
CLKON
REQ64ON
SLOTREQ64
BUS_CTL
BUSON
Figure 9. Manual Connection Sequencing
disconnecting sequence
The HPC3130 provides two mechanisms to isolate a PCI slot from the PCI bus so an add–in card can be
removed. One of the mechanisms is called manual sequencing and is enabled by default. This mechanism
allows the software to control the entire disconnect sequence. This means it is the software’s responsibility to
remove a powered slot from the PCI bus without any impact to the system.
The second mechanism is called auto sequencing and can be enabled by programming either Auto-Sequence
1 or Auto-Sequence 2 in the general configuration register
. Unlike the connection sequence, which has two
different auto-connection sequencing modes, the autodisconnect sequence has only one mode of operation.
The steps in the auto-disconnect sequence are as follows:
1.
Software may assert SLOTRST to the appropriate slot by writing a 0 to the SLOTRST_O bit in the hot-plug
control register. This is optional.
2.
Next the software must set the BUS_CTL bit in the hot-plug control register to a 1.
3.
Once the BUS_CTL bit is set to a 1, the HPC3130 asserts IDLEREQ.
4.
Once IDLEGNT is asserted and FRAME and IRDY are deasserted, the HPC3130 deasserts BUSON and
CLKON and asserts REQ64ON to isolate the slot from the PCI bus.
5.
The HPC3130 then drives PWRON/OFF low to power off the slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com