Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM385LP-1.2 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM385LP-1.2
Description  MICROPOWER VOLTAGE REFERENCES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385LP-1.2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM385LP-1.2 Datasheet HTML 2Page - Texas Instruments LM385LP-1.2 Datasheet HTML 3Page - Texas Instruments LM385LP-1.2 Datasheet HTML 4Page - Texas Instruments LM385LP-1.2 Datasheet HTML 5Page - Texas Instruments LM385LP-1.2 Datasheet HTML 6Page - Texas Instruments LM385LP-1.2 Datasheet HTML 7Page - Texas Instruments LM385LP-1.2 Datasheet HTML 8Page - Texas Instruments LM385LP-1.2 Datasheet HTML 9Page - Texas Instruments LM385LP-1.2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM2851.2, LM3851.2, LM385B1.2
MICROPOWER VOLTAGE REFERENCES
SLVS075H − APRIL 1989 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 5
REFERENCE IMPEDANCE
vs
REFERENCE CURRENT
IZ − Reference Current − mA
TA = −55°C to 125°C
f = 25 Hz
100
10
1
0.1
100
10
1
0.1
0.01
Figure 6
NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
700
600
500
400
300
200
100
0
10
100
1 k
10 k
100 k
IZ = 100 µA
TA = 25°C
f − Cutoff Frequency − kHz
100
10
1
0.1
70
60
50
40
30
20
10
0
IZ = 100 µA
TA = 25°C
OUTPUT NOISE VOLTAGE
vs
CUTOFF FREQUENCY
RC Low Pass
C
R
100
µA
Figure 7
Figure 8
Input
VI
t − Time −
µs
0
100
500
600
0
5
0
0.5
1
1.5
VO
36 k
Ω
TRANSIENT RESPONSE
Output
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com