Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM385LP-1.2 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM385LP-1.2
Description  MICROPOWER VOLTAGE REFERENCES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385LP-1.2 Datasheet(HTML) 2 Page - Texas Instruments

  LM385LP-1.2 Datasheet HTML 1Page - Texas Instruments LM385LP-1.2 Datasheet HTML 2Page - Texas Instruments LM385LP-1.2 Datasheet HTML 3Page - Texas Instruments LM385LP-1.2 Datasheet HTML 4Page - Texas Instruments LM385LP-1.2 Datasheet HTML 5Page - Texas Instruments LM385LP-1.2 Datasheet HTML 6Page - Texas Instruments LM385LP-1.2 Datasheet HTML 7Page - Texas Instruments LM385LP-1.2 Datasheet HTML 8Page - Texas Instruments LM385LP-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM2851.2, LM3851.2, LM385B1.2
MICROPOWER VOLTAGE REFERENCES
SLVS075H − APRIL 1989 − REVISED FEBRUARY 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The design makes these devices exceptionally tolerant of capacitive loading and, thus, easier to use in most
reference applications. The wide dynamic operating temperature range accommodates varying current
supplies, with excellent regulation.
The extremely low power drain of this series makes them useful for micropower circuitry. These voltage
references can be used to make portable meters, regulators, or general-purpose analog circuitry, with battery
life approaching shelf life. The wide operating current range allows them to replace older references with
tighter-tolerance parts.
symbol
ANODE
CATHODE
schematic
CATHODE
Q13
Q12
Q7
Q4
600 k
Ω
7.5 k
Ω
ANODE
200 k
Ω
50 k
Ω
300 k
Ω
Q14
20 pF
20 pF
Q11
Q10
Q9
Q5
Q3
Q1
Q2
Q8
Q6
60 k
Ω
500
Ω
100 k
Ω
NOTE A: Component values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com