Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST-2 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # FST-2
Description  Duct Housing, 4-wire, less detector head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FST-2 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  FST-2 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FST-2 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TESTING
Functional testing can be performed by one of the
following methods:
• Hold a magnet in the slot marked “Test” on the
housing until the LED lights. Confirm that the
system control unit (if used) alarms properly
and performs all auxiliary functions.
Reset: Place a magnet in the slot marked
“Reset”
ORDERING INFORMATION
Part No.
Model
Description
Shipping
Weight (lbs)
119-A0400
DH-60
Duct Housing, 4-wire, less detector head.
5.5
110-38020
CPD-7051D
Ionization Detector head
2.0
112-30080
PSD-7155D
Photoelectric Detector head
2.0
138-02006
RAI-4
Remote Alarm Indicator red LED lights on alarm.
1.0
138-02806
RCM-505
Remote Alarm Indicator/Keyswitch as above except
with added remote test and reset keyswitch
1.0
138-02906
RCM-606
Remote Power/Alarm Indicator/Keyswitch -
as above except has added green “POWER” LED
which is lit during normal conditions.
1.0
252-8GJ2B
FST-2
12-inch Sampling Tube (For ducts less than 1 ft.)
0.6
252-8GK2B
FST-3
24-inch Sampling Tube (For ducts between 1 and 2 ft.)
1.0
252-8GL2B
FST-4
48-inch Sampling Tube (For ducts between 3 and 4 ft.)
1.2
252-8GM2B
FST-6
72-inch Sampling Tube (For ducts between 4 and 6 ft.)
2.0
252-8GN2B
FST-8
96-inch Sampling Tube (For ducts between 6 and 8 ft.)
3.0
252-8GP2B
FST-10
120-inch Sampling Tube (For ducts between 8 and 10 ft.)
3.5
2of2
9020-0369 Rev. H
ELECTRICAL SPECIFICATIONS
Contact ratings
Alarm initiating contacts:
Form A
2A @ 30 VAC/VDC (resistive)
Auxiliary alarm contacts:
Form C (2 sets)
10A @ 30 VDC (resistive)
10A @ 277 VAC (resistive)
1/8 HP @ 120 VAC
1/4 HP @ 240 VAC
Supervisory contacts:
Form B
0.3 A @ 30 VDC (resistive)
0.3 A @ 30 VAC (resistive)
Power requirements
20.4 - 26.4 VAC
102-132 VAC
204-264 VAC
20-29VDC
(Using no accessories)
Max. standby current
.070 A
.030 A
.020 A
.020 A
Max. alarm current
.160 A
.040 A
.025 A
.060 A
(Using max. accessories)
Max. alarm current
.220 A
.050 A
.035 A
.090 A
• Using the RCM-505 or RCM-606 remote test
unit - Insert the key and turn clockwise to the
“TEST” position and hold until the LED lights.
Reset: Turn the key counterclockwise to the
“Reset” position and hold. The LED will extin-
guish. Turn the key to the normal position and
remove.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com