Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST-2 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # FST-2
Description  Duct Housing, 4-wire, less detector head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FST-2 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  FST-2 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FST-2 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
`
DESCRIPTION
The FCI Model DH-60 Series air duct detector housing is
intended for use on air handling ducts to sample air flow in
the duct and allow for the detection of smoke and combus-
tion particles. The housing is available in a 4-wire detector
configuration, and accepts either the CPD-7051D ionization
detector or the PSD-7155D photoelectric detector.
Air sampling is accomplished via sampling and return
tubes which extend into the ducts.
The DH-60 4-wire detector can operate over a wide range
of AC or DC power sources; 24 VAC, 24 VDC, 120 VAC or
240 VAC. It is equipped with alarm relay auxiliary contacts
which may be used directly for control applications, and has
an integral, normally-energized trouble relay to supervise
power and smoke detector head removal.
A transparent inspection port permits viewing of the detec-
tor alarm indicator over a wide viewing angle and inspection
of the conditions of cleanliness inside the detector mounting
area.
The housing can be installed on either rectangular or round
ducts ranging from 8 inches to 12 feet in width. The sampling
tube must extend over the entire width of the duct, and the
unit is equipped with a 4.25 inch exhaust tube.
Optional accessories include remote test stations and an-
nunciators.
CONSTRUCTION
The duct detector housing is of rugged plastic with a clear
polycarbonate cover. The housing is capable of mounting on
either rectangular or round ducts without adapter brackets.
Terminals are suitable for 14-18 AWG wiring.
APPROVALS
UL (Std 268A)
S1064
CSFM
Approved
NYC MEA
MEA 134-95-E Vol. III
DH-60 SERIES
FOUR-WIRE DUCT
SMOKE DETECTOR HOUSING
FEATURES
• Accommodates Ionization
or Photoelectric Detector Heads
• 4-wire Configuration
• Field Selectable Single Station
AC Operation: 24 VAC, 120 VAC
or 240 VAC
• Air Velocity Ranging from
500 to 4000 FPM
• Mounts on Round or Rectangular
Ducts from 8 inches to Twelve Feet
Wide
• Clear Polycarbonate Cover for Visual
Inspection
• Non-Polarized
• Remote Indication, Relay Test and
Reset Options
• Two (2) Heavy Duty (10 Amp.)
Relay Contacts
9020-0369 Rev. H
GENERAL SPECIFICATIONS
Operating temperature
32 to 100
o F(0to37o C)
Humidity
10 to 93% RH
Air velocity range
300 to 4000 FPM
Dimensions
14.5 inches L x 5 inches W x 2.5 inches D
(37 x 13 x 6.4 cm)
Weight
5.5 lbs. (3.2 kg)
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed
by Gamewell-FCI for their use. Specifications subject to change without notice.
© 2006 All Rights Reserved.
An ISO 9001 Certified Company
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com


Similar Part No. - FST-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
FST-21A-10 TEC-FST-21A-10 Datasheet
471Kb / 4P
FLEXSTRIP PIN CONFIGURATIONS, GENERIC
22MAR11
More results

Similar Description - FST-2

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
4-Wire Duct Smoke Detector
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
Watertight 4-Wire Low-Flow Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
4-Wire Photoelectric Duct Smoke Detector
D4120W SYSTEMSENSOR-D4120W Datasheet
1Mb / 4P
Watertight 4-Wire Photoelectric Duct Smoke Detector
DH100P SYSTEMSENSOR-DH100P Datasheet
134Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
2-Wire Low-Flow Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
Intelligent Air Duct Smoke Detector Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com