Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD-LS Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # ASD-LS
Description  Low Profile Analog Laser Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ASD-LS Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  ASD-LS Datasheet HTML 1Page - Gamewell-FCI by Honeywell ASD-LS Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTALLATION
Place the sensor into the sensor base. Turn the sensor
clockwise until the sensor locks into place.
To use the tamper-proof feature, break the smaller tab
on the base as shown in the installation instructions. In-
stall the sensor. To remove the sensor from the base
when using the tamper-proof feature, insert the blade of
a small screwdriver into the hole on the side of the base
and push the plastic lever away from the detector head.
This will allow the sensor to be rotated counterclock-
wise for removal.
NOTE: The decorative ring must be
removed in order to remove the head when using the
tamper-proof feature.
Refer to NFPA 72, Chapter 5-3 “Smoke Sensing Fire
Detectors” for spacing, location of sensors and other
guidelines.
TESTING
Sensors may be tested locally in the following ways:
• A. Place a test magnet against the sensor housing
per the instructions. The sensor should go into
alarm within 30 seconds.
• B. Aerosol Generator - The Gemini Model 501
aerosol generator may be used to perform a
functional test. This test should be performed
immediately following the magnet test. Magnet
test initiates an approximately ten minute period
when the detector's signal processing software
routines are not active. Failure to first perform the
magnet test will introduce a time delay before the
detector alarms. Follow instructions in the
generator instruction manual.
MAINTENANCE
Cleaning programs should be adapted to the individ-
ual environment in conformance with the National Fire
Alarm Code, NFPA 72. We recommend, at the least, an
annual cleaning of the unit. The sensor screen and cover
assembly can be removed, revealing the sensing cham-
ber. A vacuum cleaner can be used to remove dust from
the screen, cover and sensing chamber. For the com-
plete procedure, refer to the Installation and Mainte-
nance Instructions furnished with each sensor.
2of2
9020-0525Rev. B
ORDERING INFORMATION
Part No.
Model
Description
110-90039
ASD-LS
Low Profile Analog Laser Sensor
110-90005
ADB-FL
Standard plug-in sensor base with flange and decorative ring
110-90004
B224RB
Plug-in sensor base with auxiliary relay, SPDT,
rated 2 amps. @ 30 VDC (resistive)
110-90006
B224BI
Plug-in sensor isolator base for Style 7 operation
130-90037
B501BHT
Plug-in sensor base with temporal pattern sounder
110-31A60
B501
Plug-in sensor base w/o flange
138-01005
RA-400Z
Remote alarm indicator
119-9010N
Detector sensitivity test kit.
AGENCY APPROVALS
UL (Std 268)
S1913
Factory Mutual
Pending



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com