Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD-LS Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ASD-LS
Description  Low Profile Analog Laser Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ASD-LS Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ASD-LS Datasheet HTML 1Page - Gamewell-FCI by Honeywell ASD-LS Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The FCI Model ASD-LS low profile laser smoke sensor
adds another new dimension to analog addressable fire de-
tection. It incorporates laser smoke detection technology that
provides unsurpassed sensitivity and response to maximize
detection. This makes the sensor ultra-sensitive to smoke, as
much as 100 times more sensitive than conventional photo-
electric smoke detection technology.
An innovative laser diode and precision optics design com-
bine with an array of integral software tools to make the
quickest possible decision in the event of a genuine fire. The
sensor can swiftly sense smoldering fires, but yet can sense
the smallest particles of combustion, providing a faster re-
sponse to flaming fires.
The early warning capability of the ASD-LS is comparable
to that of aspiration technology, while unlike aspirating sys-
tems, the ASD-LS can pin-point the location of the fire.
The sensor is continually monitored to measure any change
in its sensitivity due to the environment (dirt, temperature,
transient smoke, humidity, etc.). Patented algorithms distin-
guish between particles of dust and smoke. The focused
beam of the laser light source minimizes reflection from ac-
cumulated dust in the optical chamber, effectively minimiz-
ing problems caused by dust build-up. The software
performs its own independent analyses of the sensor signal.
These analyses include dust spike rejection, drift compensa-
tion, smoothing, multi-sensor, pre-alarm decision and alarm
decision. In the event of spikes in the signal, the sensor will
check the output of adjacent sensors for any appreciable sig-
nal to determine if the spike is caused by a fast flaming fire.
The sensor is of plug-in construction and is directly inter-
changeable in the same base with the FCI ASD/ATD/Accli-
mate Series low-profile sensors. A wide variety of bases,
with sounder, relay, etc. is available. Remote LED annuncia-
tor capability is also available as an optional accessory.
The ASD-LS sensor is Listed for use inside ducts up to a
velocity of 4,000 FPM.
An optional isolator base, Model B224BI, is also available.
Installation of two of these isolator bases allows Style 7 oper-
ation for sensors located electrically between the bases.
FEATURES
• Compatible with FCI Analog
Addressable Control Panels
• High Sensitivity for Both Smoldering
and Fast Flaming Fires
• Patented Algorithms Ignore Transient
Smoke and Dust Particles
• Low Profile Construction
• Easy Plug-in of the Head to Base
• Built-in Signal Processing
• Built-in Tamper-Resistant Feature
• Remote Test Feature (From the Panel)
• Built-in Test Switch
• 360o View Angle of Dual Alarm LEDs
• Optional Bases for Auxiliary Functions
• Maximum Air Velocity 4,000 FPM
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed
by Gamewell-FCI for their use. Specifications subject to change without notice.
© 2006 All Rights Reserved
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 Fax: (203) 484-7118
www.gamewell-fci.com
9020-0525 Rev. B
ASD-LS
ANALOG ADDRESSABLE LASER
SMOKE SENSOR
An ISO 9001 Certified Company
TECHNICAL SPECIFICATIONS
Sensitivity
.02 - 0.8%/ft.
Operating voltage
15-32 VDC
Standby current
.00033 amp.
Alarm current (max.)
.0065 amp.
Operating/Installation Temperature
32 to 100
o F(0to38o C)
Operating humidity
10% to 93% relative humidity (non condensing)
Dimensions
1.7" H x 6.2" Dia. (4.3 x 15 cm) (In standard base)
Weight
5 oz. (142 gm.)


Similar Part No. - ASD-LS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
More results

Similar Description - ASD-LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5376 STMICROELECTRONICS-VT5376 Datasheet
266Kb / 30P
Ultra-low power laser motion sensor for laser mouse applications
09-Sep-2008
logo
Pixart Imaging Inc.
PAW3603DH PIXART-PAW3603DH Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7050 AVAGO-ADNK-7050 Datasheet
107Kb / 1P
Low Power Laser Mouse Sensor
logo
Pixart Imaging Inc.
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
Low Power Laser Mouse Sensor
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6030 AVAGO-ADNK-6030 Datasheet
120Kb / 1P
Low Power Laser Mouse Sensor
logo
Silicon Microstructures...
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
Ultra-Low Pressure Analog Sensor
logo
Broadcom Corporation.
ADNK-6030 BOARDCOM-ADNK-6030 Datasheet
120Kb / 1P
Low Power Laser Mouse Sensor
ADNK-7050 BOARDCOM-ADNK-7050 Datasheet
107Kb / 1P
Low Power Laser Mouse Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com