Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B112LP Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # B112LP
Description  Ionization Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

B112LP Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  B112LP Datasheet HTML 1Page - Gamewell-FCI by Honeywell B112LP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOUNTING
· On a 4-inch square box with or without plaster
ring. Minimum depth 1.5 inches.
· On a 3.5-inch octagonal box. Minimum depth
1.5 inches.
INSTALLATION
Place the detector into the detector base. Turn the de-
tector clockwise until the detector locks into place.
To use the tamper-proof feature, break the smaller tab
on the scribed line in the tamper proof tab located on the
detector mounting bracket. Install the detector. To re-
move the detector from the base when using the tam-
per-proof feature, insert the blade of a small
screwdriver into the hole on the side of the base and
push the plastic lever away from the detector head. This
will allow the detector to be rotated counterclockwise
for removal. NOTE: The decorative ring must be re-
moved in order to remove the head when using the tam-
per-proof feature.
The tamper-proof feature may be defeated perma-
nently by breaking the plastic lever off the base.
NOTE: The number of two-wire smoke detectors
which can be accommodated per zone varies with dif-
ferent control panels. Consult the control panel in-
struction manual to determine the capacity.
Refer to NFPA 72, Chapter 5-3, “Smoke Sensing Fire
Detectors” for spacing, location of detectors and other
guidelines.
TESTING
Detectors may be tested in the following ways:
· Place a test magnet against the detector
as directed in the installation instructions.
The detector should go into alarm within
30 seconds.
· Field metering of detector sensitivity may be
performed with the aid of a voltmeter and Test
Kit, MOD 400R. For the complete procedure,
refer to the Installation and Maintenance
Instructions furnished with each detector.
MAINTENANCE
Cleaning programs should be adapted to the individ-
ual environment. We recommend at least an annual
cleaning of the unit. The detector screen and cover as-
sembly can be removed, revealing the sensing cham-
ber. A vacuum cleaner can be used to remove dust from
the screen, cover and sensing chamber. For the com-
plete procedure, refer to the Installation and Mainte-
nance Instructions furnished with each detector.
2of2
9020-0582
ORDERING AND TECHNICAL INFORMATION
Model
Contacts
Description
1151
Ionization Detector
B110LP
Base, Two-wire
B112LP
Form A & C
Base, four-wire, 24 VDC operation
B114LP
Form A, C & Supv.
Base, four-wire, 120 VAC operation
B401BH
Base, four-wire, with audible sounder
RA-400Z
Remote Alarm Indicator
PAM-1
Form B
End of Line Relay, 24 VDC
MOD 400R
Test Kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com