Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B112LP Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # B112LP
Description  Ionization Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

B112LP Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  B112LP Datasheet HTML 1Page - Gamewell-FCI by Honeywell B112LP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The System Sensor 1151 low profile ionization type smoke
detectors are specifically designed to meet the performance
requirements of fire detection/alarm systems. The 1151 ion-
ization detector uses a state-of-the-art, dual unipolar sensing
chamber. The detector is designed to provide open area de-
tection and, when installed in a two-wire base, is compatible
with FCI fire alarm control panels. The detector’s operation
and sensitivity can be tested in place.
The 1151 detector is of plug-in construction and plugs into
the same base as the System Sensor 2151photoelectronic
smoke detector, making both models interchangeable. Bases
are available for two-wire, four-wire, 120 VAC four-wire op-
eration and also with an audible sounder.
Two visible LEDs on each detector flash every ten seconds
indicating that power is being applied to the detector. The
LEDs light steadily when the detector is in alarm. A remote
LED annunciator is available as an optional accessory.
The 1151 detector is Listed for use inside ducts up to a ve-
locity of 500 FPM.
Functional testing is performed by placing a test magnet
against the cover. The LED on the detector should light
within 30 seconds.
Field metering of detector sensitivity may be performed
with the aid of a voltmeter and Test Kit, MOD 400R.
APPROVALS
SPECIFICATIONS
Sensitivity
1.9 %/ft. (nominal)
Operating voltage
15 - 32 VDC peak
Standby current
200 uA max. avg.
Operating temperature
32 to 120
o F(0to49o C)
Relative humidity
10 to 93 % (non-condensing)
Air velocity
500 feet per minute maximum
Construction
Off-white flame retardant plastic
Diameter
4 inches (10.2 cm)
Height
1.7 inches (4.2 cm)
Weight
3.6 oz. (104 g)
1151
SYSTEM SENSOR
LOW PROFILE, IONIZATION
PLUG-IN SMOKE DETECTOR
9020-0582/Ver. 1.1
16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed by Fire Control
Instruments, Inc. for their use. Specifications subject to change without notice.
© 2003 All Rights Reserved
FEATURES
· Unique Dual Unipolar Sensor
Provides Exceptional Stability
· Low Profile Construction
· Easy plug-in of the Head to Base
· Tamper-resistant Feature
· Test Switch
· 360o View Angle Of Alarm LEDs
· Compatible with FCI Control Panels
· Audible Sounder Base (Optional)
· Field Metering of Detector Sensitivity
· Removable Insect Screen and Cover
for Field Cleaning
· Insect-resistant Screening
(.020"/.508 mm openings)
An ISO 9001 Certified Company


Similar Part No. - B112LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
Plug-in Detector Base
More results

Similar Description - B112LP

ManufacturerPart #DatasheetDescription
logo
FCI connector
1451 FCI-CONNECTOR-1451 Datasheet
105Kb / 2P
System Sensor Ionization Smoke Detector
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Systemsensor advanced i...
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
IONIZATION SMOKE DETECTOR
1400 GAMEWELL-FCI-1400 Datasheet
146Kb / 2P
Ionization detector
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
Ionization Smoke Detector IC
2009
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
Ionization Smoke Detector IC
2009
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
Ionization Smoke Detector with Interconnect
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com