Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E50-R Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # E50-R
Description  Cooper-Wheelock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E50-R Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  E50-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell E50-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell E50-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9021-60127 Rev. A page 3 of 3
Specifications and Ordering Information
Model
Wall
Mount
Ceiling
Mount
Strobe
Candela
Grill
Color
Flush
Mount
Backbox
Surface
Mount
Backbox
Mounting
Options
E50-R
X
X
-
Red
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SB-R
E,O,P,Q,R,U,Y,AA
E50-W
X
X
-
White
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SB-W
E,O,P,Q,R,U,Y,AA
E50-241575W-FR
X
-
15 (75 on Axis)
Red
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SSB-R
E,Q,U,BB
E50-241575W-FW
X
-
15 (75 on Axis)
White
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SSB-W
E,Q,U,BB
E50-24MCW-FR
X
-
15/30/75/110
Red
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SSB-R
E,Q,U,BB
E50-24MCW-FW
X
-
15/30/75/110
White
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SSB-W
E,Q,U,BB
E50-24MCWH-FR
X
-
135/185
Red
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SSB-R
E,Q,U,BB
E50-24MCWH-FW
X
-
135/185
White
4’ x 4” x 2-1/8”
(10.2 x 10.2 x 5.5 cm)
E50SSB-W
E,Q,U,BB
NOTE: Due to continuous development of our products, specifcations and offerings are subject to change without notice in accor-
dance with Cooper-Wheelock Inc. standard terms and conditions.
Mounting Accessories
Mounting
Options Description
Max. Number of Conductors
AWG.#18 AWG.#16 AWG.#14 AWG.#12
AA
E50SB-R or E50SB-W
BB
E50SSB-R or E50SB-W
E
See Note 1
4” Square by 2 1/8” Deep, Flush (BO)
8888
O
RP-R Retrofit Plate
P
See Note 2
SBB-R or SBB-W Backbox
For surface mounting speakers, chimes and electronic appliances
8888
Q
See Note 3
4” Square 2-1/8” or 1-1/2” Deep with Extension Ring, Flush (BO)
1-1/2” 8
2-1/8” 8
1-1/2” 8
2-1/8” 8
1-1/2” 8
2-1/8” 8
1-1/2” 4
2-1/8” 8
R
SFP-R or SFP-W Semi-Flush Plate
Stamped aluminum surface wall plate which mounts behind the basic unit and
serves to cover recessed backboxes in semi-flush mounting applications. It is
painted to match the signal.
U
5” Square Backbox with Extension Ring, Flush (BO)
Note 1: Option E is typical of a steel city 52171 box or equal.
Note 2: Option P use with Series RSSP.
Note 3: Option Q is typical of a steel city 52171 box with a steel city 53151 extension ring or equal.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com