Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E50-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # E50-R
Description  Cooper-Wheelock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E50-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  E50-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell E50-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell E50-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9021-60127 Rev. A page 1 of 3
Cooper-Wheelock
Series E50
Series E50 Speakers
and Speaker Strobes
Description
Series E50 Speakers provide high audio output with clear
audibility and are designed to meet the critical needs of the
life safety industry for effective emergency voice communi-
cations and tone signaling. In addition, the strobes provide
visible signaling to alert the hearing impaired.
The Cooper-Wheelock Series E50 Speakers feature high
efficiency sound output, with dual voltage (25/70 VRMS)
capability and field selectable taps from 1/8 to 2 watts.
They are designed to provide a sleek, aesthetic appear-
ance for emergency voice/alarm communications systems.
All Series E50 models mount on standard 4” x 2-1/8”
(10.2 x 5.5 cm) electrical boxes (with no extension ring
required) and incorporate a speaker mounting plate for
faster installation. The grille cover snaps on, so no mount-
ing screws are visible. Attractive surface boxes are also
available for surface installations.
The Series E50 Speaker Strobes use Cooper-Wheelock
low current draw Series RSS strobes for wall- mounted
applications. Strobe options include patented MCW multi-
candela strobes with field selectable candela settings of
15/30/75/110 cd or high intensity MCWH strobes with field
selectable 135/185 candela. Models with 15/75 candela
(75 cd on axis) are also offered.
The strobe portion of all Series E Speaker Strobes may be
synchronized when used in conjunction with the Cooper-
Wheelock SM-12/24-R and/or DSM-12/24-R sync mod-
ules. Cooper-Wheelock synchronized strobes offer an easy
way to comply with ADA and NFPA regulations concerning
photosensitive epilepsy.
Series E50 Speaker Strobes are UL Listed for indoor use
under Standard 1971 (Signaling Devices for the Hearing-
Impaired) and Standard 1480 (Speaker Appliances). All
inputs employ IN/OUT wiring terminals for fast installation
using 12 to 18 AWG wiring and are compatible with FACP
line supervision. Color options for the Series E50 Speakers
and Speaker Strobes are red or off-white.
Lexan® is a registered trademark of GE Plastics, a subsidiary of General Electric Company.
Features
•
Meets UL Standards 1971 and 1480 (model
dependent).
•
ADA/NFPA/ANSI compliant.
•
Complies with OSHA 29 Part 1910.165.
•
Wall mount speaker strobe models with field selectable
candela settings of 15/30/75/110cd or 135/185cd (Multi-
candela models) or 15/75cd (single candela model).
•
Field selectable taps for 25 or 70 VRMS operation from
1/8 watt up to 2 watts.
•
High efficiency design for maximum output at minimum
wattage across a frequency range of 400 to 4000 Hz.
•
24 VDC strobes produce 1 flash per second with wide
UL “Regulated Voltage” of 16 to 33 volts using filtered
DC or unfiltered VRMS input voltage.
•
Synchronize with the Cooper-Wheelock SM and DSM.
•
Mount to 4” square x 2-1/8”
(10.2 x 5.5 cm) deep backbox
with no extension ring required.
•
Snap on grille cover with no visible mounting screws.
•
Fast installation with IN/OUT screw terminals using
12 to 18 AWG wires.
E50 Speaker
E50 Speaker Strobe
An ISO 9000-2000 Company
APPROVED
FM
SIGNALING
S5391
7125-0785:165
7320-0785:166


Similar Part No. - E50-R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
E50-2FT-VMVM MINI-E50-2FT-VMVM Datasheet
227Kb / 1P
Test Cable
E50-2FT-VMVM+ MINI-E50-2FT-VMVM+ Datasheet
227Kb / 1P
Test Cable
E50-3FT-VMVM MINI-E50-3FT-VMVM Datasheet
228Kb / 1P
Test Cable
E50-3FT-VMVM+ MINI-E50-3FT-VMVM+ Datasheet
228Kb / 1P
Test Cable
More results

Similar Description - E50-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
Cooper-Wheelock
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
Cooper-Wheelock
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
logo
E-SWITCH
14-RB2S00045 E-SWITCH-14-RB2S00045 Datasheet
92Kb / 1P
SILVER PLATED COOPER
14-RB2S00095 E-SWITCH-14-RB2S00095 Datasheet
88Kb / 1P
SILVER PLATED COOPER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com