Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM500 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # AM500
Description  Addressable Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AM500 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  AM500 Datasheet HTML 1Page - Gamewell-FCI by Honeywell AM500 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM500 Identiflex
CS-2022
06/29/04
Page 2 of 2
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation.
For more information, contact Gamewell.
The Gamewell Company
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell.com
A Honeywell Company
© 2004 Gamewell
Engineer’s Specifications
The IdentiFlex 600 Series system shall include addressable circuits for the monitor and control of identifiable
devices connected to an existing Gamewell Flex 500A control panel. The system’s AM500 Addressable Module shall
incorporate a dedicated microprocessor to minimize communications and response times to off normal conditions.
The AM500 Addressable Module shall support Style 4, 6, and 7 field wiring. The AM500 Addressable Module shall
incorporate a default operation capability which will allow the system to activate a general alarm even in the event
of a CPU failure. The interface shall be Gamewell Part No. AM500.
Wiring Diagram
Ordering Information
AM500
Eight circuit addressable module (Flex 500 interface) with standard display for 632/650 Series
control panel (includes terminal strip and hardware).
AM500-SDA
Class A adapter for module.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com