Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM500 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # AM500
Description  Addressable Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AM500 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  AM500 Datasheet HTML 1Page - Gamewell-FCI by Honeywell AM500 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AM500 Identiflex
CS-2022 06/29/04
Page 1 of 2
Description
Gamewell’s 600 Series AM500 Addressable Module provides the monitoring
and control of detectors and addressable input and output devices previ-
ously installed with Gamewell’s Flex 500 A control panel, giving end-users
backward compatibility between existing Flex 500 and the 632/650 analog
addressable technology. The AM500 addressable module is configured with
eight addressable circuits, with each circuit capable of monitoring up to 50
individual points. The addressable module has a dedicated microprocessor
that monitors each of its circuits while communicating all status informa-
tion to the main CPU of the 600 Series control panel.
Each module is supported by a display module that provides alarm and
trouble annunciation LEDs and tactile switches for control by circuit. The
display module has space for custom labeling of each circuit.
Operation
The AM500 Addressable Module occupies a bus position in the 632 or 650
Series control panel. The AM500 interrogates all the compatible connected
devices for their alarm and trouble status. Compatible input devices return
their alarm status to the addressable module which, in turn, communi-
cates to the main CPU of the control panel for recording of the alarm and
trouble status. Communication time is kept to a minimum by utilizing
parallel processing on both the system MPU bus and the circuits of the
AM500 addressable module. The AM500 addressable module is capable of
supporting the Flex 500 A control panel’s addressable control devices,
addressable input interface and addressable detectors.
The Addressable Module monitors its circuits for ground faults. It will
operate in the event that the system enters into default alarm mode. The
AM500 Addressable Module will support Style 4, 6, and 7 wiring.
Features
• Monitors and controls Flex 500 addressable
devices from Gamewell’s 632/650 series
analog addressable control panels.
•Eight Flex 500 circuits per module.
•Monitors and controls up to 50 points per
circuit.
•Two modules per control panel.
•Dedicated microprocessor minimizes
communications intervals.
•Field programmable.
•Default alarm mode operation.
•Power limited.
•Style 4, 6, and 7 wiring.
•Module can be removed without disturbing
field wiring.
Listings
Listings and approvals below apply to the
basic AM500 Addressable Module. In some
cases, certain modules may not be listed by
certain approval agencies, or listing may be
in process. Consult factory for latest listing
status.
•UL Listed: file S521
AM500
AddressableModule
Specifications
Ambient temperature
30°F to 120°F (0°C to 49°C).
Humidity
10% to 85% R.H.
Alarm Current
0.07 A.
Standby current
0.07 A.
Class A adapter
0.06 A.


Similar Part No. - AM500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM500002 MACOM-AM500002 Datasheet
128Kb / 3P
Low Noise Amplifier 1.575 GHz
AM500002V7 MACOM-AM500002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
AM500002V8 MACOM-AM500002V8 Datasheet
211Kb / 3P
Low Noise Amplifier
AM500003V3 MACOM-AM500003V3 Datasheet
318Kb / 4P
High Dynamic Range Low Noise Amplifier 800-1000 MHz
AM500003V4 MACOM-AM500003V4 Datasheet
239Kb / 5P
High Dynamic Range Low Noise Amplifier
More results

Similar Description - AM500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-CMX2 ETC2-SSC-CMX2 Datasheet
249Kb / 1P
Clip Addressable Output Module
logo
Gamewell-FCI by Honeywe...
AOM-2SF GAMEWELL-FCI-AOM-2SF Datasheet
299Kb / 1P
Addressable output supervised control module
AMM-4SF GAMEWELL-FCI-AMM-4SF Datasheet
195Kb / 1P
Addressable monitor module, single circuit,
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
Analog Addressable Module
RCM-SS GAMEWELL-FCI-RCM-SS Datasheet
297Kb / 2P
Six-Relay Addressable Control Module
CZM-SS GAMEWELL-FCI-CZM-SS Datasheet
226Kb / 4P
Six-Zone Addressable Interface Module
SCM-SS GAMEWELL-FCI-SCM-SS Datasheet
456Kb / 6P
Six-Circuit Addressable Control Module
ASM-16 GAMEWELL-FCI-ASM-16_13 Datasheet
57Kb / 1P
ASM-16 Addressable Switch Module
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
Addressable Monitor Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com