Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB-G6-24-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # MB-G6-24-R
Description  Wheelock MB Series Motor Bells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MB-G6-24-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  MB-G6-24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell MB-G6-24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MB Series Motor Bells CS-2236 05/04/04
Page 2 of 2
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell.
The Gamewell Company
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell.com
A Honeywell Company
© 2004 Gamewell
Ordering Information
Wiring Diagram
NOTES:
1. Typical dBA at 10 feet is 92, measured in an
anechoic chamber.
2.Mounting options are: D,E,J,K,N,R,S,Z
3. For bells at 12 VDC models are UL rated for 9.0 to
15.6 VDC and all 24 VDC models for 18.0 to 31.0
Fig. 1 Bell Models
Fig. 2 Retrofit Strobe
+-
{}
TO NEXT
APPLIANCE
OR END-OF-LINE
RESISTOR
(EO LR)
FRO M
PRECEDING
APPLIANCE
OR FACP
TO NEXT
APPLIANCE
OR EOLR
FROM
PRECEDING
APPLIANCE OR
FACP
TO NEXT
ST ROBE OR
EOLR
FROM
PRECEDING
STROBE OR
FACP
AUDIBLE
STROBE
+
-
-
+
+
-
--
-
++
+
MODEL
NUMBER
SHELL
SIZE
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
MB-G6-12-R
6"
12
0.060
MB-G6-24-R
6"
24
0.030
MB-G10-12-R
10"
12
0.060
MB-G10-24-R
10"
24
0.030
MODEL
NUMBER
NOMINAL
VOLTAGE
(VDC)
STROBE
CANDELA
AVERAGE CURRENT
(amps) @ LISTED
VDC
RSSP-24MCW-FR
24
15/30/75/110
.050/.081/.133/.161
RSSP-241575W-FR
24
15 (75 on axis)
0.065
RSSP-121575W-FR
12
15 (75 on axis)
0.170
1. Mounting options are: D,E,Z
2. Average current per actual Wheelock product testing at listed VDC.
For rated average and peak current across UL regulated voltage range
for both filtered DC and unfiltered VRMS, see Installation instructions.
SM Sync Module is rated for 3.0 amperes @ 24VDC.
DSM Sync Module is rated for 3.0 amperes per circuit. The maximum number of
interconnected DSM modules is twenty (20).
** Refer to mounting options data sheet.
Wheelock products must be used within their published specifications and must be PROPERLY specified, applied, installed,
operated, maintained and operationally tested in accordance with their installation instructions at the time of installation and at
least twice a year or more often and in accordance with local, state and federal codes, regulations and laws. Specification,
application, installation, operation, maintenance and testing must be performed by qualified personnel for proper operation in
accordance with all of the latest National Fire Protection Association (NFPA), Underwriters’ Laboratories (UL), National Electrical
Code (NEC), Occupational Safety and Health Administration (OSHA), local, state, county, province, district, federal and other
applicable building and fire standards, guidelines, regulations, laws and codes including, but not limited to, all appendices and
amendments and the requirements of the local authority having jurisdiction (AHJ).
WARNING
PLEASE READ THESE SPECIFICATIONS AND ASSOCIATED INSTALLATION INSTRUCTIONS
CAREFULLY BEFORE USING, SPECIFYING OR APPLYING THIS PRODUCT. FAILURE TO COM-
PLY WITH ANY OF THESE INSTRUCTIONS, CAUTIONS OR WARNINGS COULD RESULT IN
IMPROPER APPLICATION, INSTALLATION AND/OR OPERATION OF THESE PRODUCTS IN AN
EMERGENCY SITUATION, WHICH COULD RESULT IN PROPERTY DAMAGE, AND SERIOUS
INJURY OR DEATH TO YOU AND/OR OTHERS.
MODEL
NUM BER
INP UT
VOLTAGE
(VDC)
AVERAGE
MEAN
CURRENT
@ 24 VDC
MOUNTING
OP TIONS**
SM-12/24-R
24
.028
W
DSM-12/24-R
24
.035
W
SYNC MODELS/POWER SUPPLY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com