Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB-G6-24-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # MB-G6-24-R
Description  Wheelock MB Series Motor Bells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MB-G6-24-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  MB-G6-24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell MB-G6-24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB Series Motor Bells CS-2236 05/04/04
Page 1 of 2
Wheelock MB Series
Motor Bells
Description
Wheelock’s Series MB Motor Bells
provide a better engineered motor bell
for fire and life safety alarm systems.
The Wheelock Series MB Bells include
higher dBA, low current draw, built-in
trimplate for semi-flush mounting, low
frequency aluminum shells, and low RFI
noise. The motor for Series MB Bells is
a durable, high torque permanent
magnet motor selected for its high
performance and long life.
Series RSSP Sync/Non-Sync retrofit
plates are used in conjunction with the
Series MB Motor Bell when combination
appliances are required. The Series
RSSP retrofit plates are available with
either Multi-Candela or single candela
strobes and easily mount to a 4” square
or Wheelock SBL-2 backbox. All Series
RSSP strobe appliances meet or exceed
the requirements of NFPA 72 (National
Fire Alarm Code), ANSI 117.1 (American
National Standard for Accessible and
Usable Buildings and Facilities), ADA
(Americans with Disabilities Act) and UL
Standard 1971 (Signaling Devices for the
Hearing Impaired).
The Series RSSP retrofit plates may be synchronized when installed with the
Wheelock Series SM, DSM, Sync Modules or a Power Supply with Wheelock’s
patented sync protocol. Wheelock’s synchronized strobes offer an easy way to
comply with ADA requirements concerning photo-sensitive epilepsy.
Engineer’s Specification
The alarm appliances shall be Wheelock Series MB vibrating Motor Bells or
approved equal. They shall be UL Standard 464 Listed for Fire Protective
Service. Shells shall be aluminum in 6” or 10” diameter. Sound output at 10
feet shall be 92 dBA. The bells shall incorporate a permanent magnet motor
and suppression circuitry to minimize RFI. They shall include a built-in
trimplate for semi-flush mounting to a standard 4” square backbox, or surface
mounting to Wheelock’s indoor BB backbox or outdoor WBB backbox. For
bell strobe applications, retrofit plates Wheelock Series RSSP with Multi-
Candela or Single Candela strobes shall be used. All bell models shall be
polarized for line supervision and shall have screw terminals for in-out field
wiring of #12 to #18 AWG wire. Operating voltage shall be nominal 24 VDC or
12 VDC. Finish on all models shall be red enamel.
Features
• High sound output with low
current draw.
• Low frequency aluminum shells
for better audibility through walls,
doors and other structures.
• 6” and 10” shell sizes in 12 or 24
VDC models.
• Integral RFI suppression to
minimize included noise on the
NAC circuit.
• Mounting options for surface,
semi-flush, outdoor, and con-
cealed conduit installation.
• Built-in trimplate makes semi-
flush mounting simpler and less
expensive
• Polarized for DC supervision of
NAC circuits.
• Operates on filtered or unfiltered
DC.
Listings
Listings and approvals below
apply to Wheelock MB Series
Motor Bells. In some cases,
certain modules may not be
listed by certain approval agen-
cies, or listing may be in pro-
cess. Consult factory for latest
listing status.
• UL Listed: file E5946
• ULC Listed: file CS243
• FM approved.
• MEA approved: file 151-92-E.
• CSFM approved: files 7135-
0785:113.


Similar Part No. - MB-G6-24-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
logo
Premier Farnell Limited...
MB-1 DURATOOL-MB-1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
KITAGAWA GmbH
MB-1 KGS-MB-1 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
logo
List of Unclassifed Man...
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
More results

Similar Description - MB-G6-24-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Systemsensor advanced i...
SSM SYSTEMSENSOR-SSM Datasheet
139Kb / 2P
Alarm Bells
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
Cooper-Wheelock
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
Wheelock
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
Cooper-Wheelock
AS-24MCW-FR GAMEWELL-FCI-AS-24MCW-FR Datasheet
278Kb / 4P
Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
MIZ-24S GAMEWELL-FCI-MIZ-24S Datasheet
110Kb / 2P
Wheelock MIZ-24S Mini Horn Series
CH70-24MCW-FR GAMEWELL-FCI-CH70-24MCW-FR Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com