Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH-24-R Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # AH-24-R
Description  Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AH-24-R Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  AH-24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell AH-24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell AH-24-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell AH-24-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AS Series & AH Series CS-2231 06/01/04
Page 3 of 4
Wiring Diagram
AS devices synchronized with SM Module single
Class “B” (Style Y) circuit
WITH audible silence feature.
AS device non-synchronized.
.
.
.
.
AS and AH devices synchronized with DSM Module
dual Class “A” (Style Z) circuit with
NO audible silence feature.
AS and AH devices synchronized with multiple DSM
Modules. INTERCONNECTING WIRING
SHOWN. MAXIMUM OF TWENTY (20)
DSM MODULES.
NOTES:
• AS/AH must be set on continuous horn tone, and connected to the
SM or DSM Sync Module, to achieve synchronized temporal (Code 3)
tone.
Ordering Information
UL MEA CSFMFMBFP
AS-24MCW-FR
15/30/75/110
X
X
24
WALL
A,B,D,E,F,G,H,J,N,O,R,X X
X
X
X
X
AS-24MCW-FW
15/30/75/110
X
X
24
WALL
A,B,D,E,F,G,H,J,N,O,R,X X
X
X
X
X
AS-241575W-FR
15 (75 on Axis)
X
X
24
WALL
A,B,D,E,F,G,H,J,N,O,R,X X
X
X
X
AS-121575W-FR
15 (75 on Axis)
X
X
12
WALL
A,B,D,E,F,G,H,J,N,O,R,X X
X
X
X
AS-24MCC-FW
15/30/75/95
X
X
24
CEILING
A,B,D,E,F,G,H,J,N,O,R,X X
X
X
*
*
ASWP-2475W-FR
75 @ -31°F
X
X
24
WALL
I
X
X
X
X
X
AH-24-R
-
X
X
24
WALL/CEILING A,B,D,E,F,G,H,J,N,O,R,X X
X
X
X
X
AH-12-R
-
X
X
12
WALL/CEILING A,B,D,E,F,G,H,J,N,O,R,X X
X
X
X
X
AH-24WP-R
-
X
X
24
WALL/CEILING
K
X
X
X
X
X
AH-12-WP-R
-
X
X
12
WALL/CEILING
K
X
X
X
X
X
VDC
WALL/
CEILING
MOUNT
MOUNTING
OPTIONS*
AGENCY APPROVALS
MODEL
STROBE
CANDELA
NON-
SYNC
SYNC
W/SM,
DSM
* Refer to Mounting Options data sheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com