Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH-24-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # AH-24-R
Description  Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AH-24-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  AH-24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell AH-24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell AH-24-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell AH-24-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS Series & AH Series CS-2231 06/01/04
Page 1 of 4
Features
• ADA/NFPA/UFC/ANSI Compliant
• AS Series Audible Strobe
Devices are available in wall
and ceiling-mount models:
• Wall mount models offered
are available with Field
Selectrable Candela Settings of
15/30/75/110cd or 15/75cd
(single candela model)
• Ceiling mount models
offered are available with field
selectrable candela settings of
15/30/75/95cd
• Selectable Continous Horn or
Temporal (Code 3)
• 3 Selectable dBA settings (99,
95 and 90 dBA) in both tones
• Patented 2-Wire Audible
Strobe Appliance
• Patented Universal Mounting
Plate
• Weatherproof models are
available for outdoor use
• Strobes produce 1 flash per
second over the regulated voltage
range
• 12 and 24 VDC models with wide
UL “Regulated Voltage Range”
using filtered DC or unfiltered
FWR input voltage
• Synchronize with Wheelock SM,
DSM or power supply with built-
in Wheelock sync protocol
• Fast installation with IN/OUT
screw terminals using #12 and
#18 AWG wires
Listings
Listings and approvals below
apply to the basic Wheelock AS
Series Audible Strobe Devices
and AH Series Audible Devices.
In some cases, certain modules
may not be listed by certain
approval agencies, or listing may
be in process. Consult factory for
latest listing status.
• UL Listed: file E5946.
• ULC Listed: file CS356.
• MEA approved: file 152-92-E.
• CSFM approved: file 7125-
0785:131
Wheelock AS Series Audible Strobe
Devices & AH Series Audible Devices
Description
Wheelock’s patented 2-wire AS Series Audible
Strobe Applicances and AH Series Audible Devices
offer more features with low current draw.
Strobe options for wall mount models include 15/
75cd or Wheelock’s patented MCW multi-candela
wall strobes with field selectrable candela settings
of 15/30/75/110cd.
Ceiling mount models incorporate Wheelock’s pat-
ented MCC multi-candela ceiling strobe with field
selectrable intensities of 15/30/75/95cd.
The audible provides a selectable choice of either
a continous horn or temporal pattern (Code 3) when
constant voltage from a Fire Alarm Panel (FACP) is
applied. Each tone has 3 dBA settings to choose
from.
When used with the Wheelock Series SM or DSM
Sync Module or with a power supply with the
Wheelock sync protocol, synchronization of the
continous horn tone provides the temporal (code 3)
tone (mandated by NFPA 72) simultaneously for all
audible appliances. This ensurses a distinct tem-
poral (code 3) pattern when 2 or more audibles are
within hearing distance. If not synchronized the tem-
poral sound could overlap and not be distinctive. At
the same time the strobes will be synchronized.
This provides the ability to comply with ADA guide-
lines concerning photosensitive epilepsy and the NFPA standards when install-
ing 2 or more visual appliances within the field of view all of this plus the ability to
silence the audible is achieved using only 2 wire.
AH Audible
AS Audible
Strobe
General Notes
• Strobes are designed to flash once per second minimum over the Regulated
Voltage Range. Note that NFPA-72 (1999) specifies a flash rate of 1 to 2
flashes per second and ADA Guildelines specify a flash rate of 1 to 3 flashes
per second.
• All candela ratings represent minimum effective Strobe intensity based on UL
Standard 1971.
• AS Series Strobe products are listed under UL Standard 1971 for indoor use
with a temperature range of 32° F to 120° F (O° C to 49° C) and maximum
humidity of 93% (+ 2%)
• AH-24 Series horns are listed under UL Standard 464 for audible signal
appliances (indoor use only).
• AH-24WP Series audible appliances are listed under UL Standard 464 for
indoor/outdoor use with a temperature range of -31° F to 150° F (-35° C to 66°
C) and maximum humidity of 95%.
• “Regulated Voltage Range” is the newest terminology used by UL to
identify the voltage range. Prior this change, UL used the terminology
“Listed Voltage Range”.


Similar Part No. - AH-24-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
AH-27 MICREL-AH-27 Datasheet
69Kb / 3P
Slowing Voltage Regulator Turn-On by Jerry Kmetz
AH-29 MICREL-AH-29 Datasheet
25Kb / 2P
Protecting Super LDO??Regulator MOSFETs by Jerry Kmetz
More results

Similar Description - AH-24-R

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
logo
TOKO, Inc
DFEG7030D TOKO-DFEG7030D Datasheet
247Kb / 1P
Low audible core noise
DFEG10040D TOKO-DFEG10040D Datasheet
258Kb / 1P
Low audible core noise
DFEG12060D TOKO-DFEG12060D Datasheet
229Kb / 1P
Low audible core noise
DFEH10040D TOKO-DFEH10040D Datasheet
264Kb / 1P
Low audible core noise
FDSD0415 TOKO-FDSD0415 Datasheet
238Kb / 1P
Low audible core noise
FDUE1260 TOKO-FDUE1260 Datasheet
217Kb / 1P
Low audible core noise
logo
Banner Engineering Corp...
TL50A BANNER-TL50A Datasheet
511Kb / 5P
TL50A Audible Indicators
logo
Pepperl+Fuchs Inc.
VAZ-HORN-70MM-105DBA PF-VAZ-HORN-70MM-105DBA Datasheet
632Kb / 2P
Stack light audible alarm
VAZ-HORN1-70MM-85DBA PF-VAZ-HORN1-70MM-85DBA Datasheet
838Kb / 2P
Stack light audible alarm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com