Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH-12-WP-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # AH-12-WP-R
Description  Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AH-12-WP-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  AH-12-WP-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell AH-12-WP-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell AH-12-WP-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell AH-12-WP-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS Series & AH Series CS-2231 06/01/04
Page 2 of 4
• The notification appliances shall be Wheelock’s patented AS Series Audible Strobe
and AH Series Audible Horn devices, and when synchronization is required, compan-
ion SM and DSM Sync Modules, or approved equivalents. AS Series devices and SM
and DSM Sync Modules shall be listed under UL Standard 1971 (Emergency Devices
for the Hearing Impaired for Indoor Fire Protection Service). AH Series Audible Horn
shall be listed under Standard 464 (Fire Protective Signaling). AS, AH, SM, and DSM
devices shall be certified to meet FCC Part 15, Class B.
• The devices shall be designed for two-wire operation and shall provide either a
continuous or temporal (Code 3) tone when constant voltage from a Notification Ap-
pliance Circuit (NACs) of the Fire Alarm Control Panel (FACP) is applied; or synchro-
nized temporal (Code 3) horn and synchronized strobe when used in conjunction with
the SM or DSM Sync Modules.
• The AS Series shall be designed so that the audible signal may be silenced while
maintaining strobe activation (when used with the SM or DSM Sync Modules). The
SM and DSM Sync Modules shall incorporate two inputs from Notification Appliance
Circuits (NACs) for power connection from the Fire Alarm Control Panel (FACP): one
for the strobe circuit (NAC), and one for the audible circuit (NAC). A single two-wire
output shall control both the audible and visual appliances. Upon activation of the
audible silence function of the FACP, the audible signal shall be silenced while main-
taining strobe activation.
• Sound output at 10 feet (3.048 m) shall be field-selectable for 90, 95, or 99 dBA
anechoic for both continuous or temporal (Code 3) tone. The AS Series shall provide
listed strobe intensities of 15, 15/75, 30, 75, and 110 candela for wall-mount and/or
75 or 100 candela for ceiling-mount applications; with a flash rate of one flash per
second minimum across the listed voltage range. The strobe shall incorporate a
Xenon® flashtube enclosed in a rugged LEXAN® lens. The maximum allowable
current at 24 VDC shall be 87 mA @ 15 cd, 102 mA @ 15/75 cd, 120 mA @ 30 cd, 177
mA @ 75 cd, and 202 mA @ 110 cd. All devices shall incorporate a reduced inrush
circuit design. The strobe shall have a horizontal plane.
• The Sync Module shall be designed and available in two versions: the SM-12/24,
for control of a single Class “B” NAC circuit; and a dual-output version, the DSM-12/
24, for control of either a single Class “A” or two Class “B” NAC circuits. The DSM
dual-circuit version shall provide the additional capability of “daisy-chaining,” i.e., the
ability to interconnect multiple DSM’s for synchronous horn and strobe operation on
multiple NAC circuits. DSM-12/24 interconnection capability shall be for a maximum
of 20 modules (40 Class “B” NAC circuits or 20 Class “A” NAC circuits). Rated aver-
age current requirement for the SM-12/24 shall be 0.014 amperes @ 12 VDC and
0.025 amperes @ 24 VDC; the DSM-12/24 shall be 0.020 amperes @ 12 VDC and
0.038 amperes @ 24 VDC. The SM Sync Module shall be capable of handling a three-
ampere load at 12 or 24 VDC. The DSM Sync Modules shall be capable of handling
a load of three amperes per circuit in the Class “B” mode, and three amperes per
module in the Class “A” mode at 12 or 24 VDC.
• SM or DSM Sync Modules and AS Audible Strobes shall be designed as a system
for continuous activation of the strobes should the Sync Module contacts fail in the
passive state (i.e., contacts remain closed). In this default mode, the strobes shall
revert to a non-synchronized default flash rate.
• AS/AH Series devices shall be designed for operation at 12 or 24 VDC, over their
respective listed voltage ranges of 10.5 to 15.6 VDC; and 20.0 to 31.0 VDC. The units
shall be designed for operation on filtered DC, or unfiltered VRMS. Rated average current
for AS Series devices shall depend upon voltage and strobe intensity; current shall be
as low as 0.058 amperes for 24 VDC versions and 0.145 amperes for 12 VDC ver-
sions. Rated average current for AH Series devices (volume set at high-dB output)
shall be 0.041 amperes for 24 VDC versions and 0.113 amperes for 12 VDC versions.
• All versions shall be polarized for DC supervision and shall incorporate screw ter-
minals for in/out field wiring of size #18 AWG (0.75 mm²) to #12 AWG (3.25 mm²).
• AS/AH shall incorporate a patented Universal Mounting Plate which shall allow
mounting to single-gang, double-gang, 4" (10.16 cm) square, 100 mm European
backboxes or Wheelock’s SHBB surface backbox. No additional trim plate shall be
required for flush mounting.
• Dimensions for AS/AH appliances shall be 4.625" (11.7475 cm) square by 1.5" (3.81
cm) deep.
Engineer’s Specifications
CONTACT
WHEELOCK
FOR
“IN-
STALLATION
INSTRUCTIONS”
(Wheelock P83509 [AS], P83641
[AH-WP], and P83519 [AH]) AND “GEN-
ERALINFORMATION” SHEET(Wheelock
P82380)ONTHESEPRODUCTS. THESE
MATERIALS UNDERGO PERIODIC
CHANGES. ITISIMPORTANTTHAT YOU
HAVE CURRENT INFORMATION ON
THESEPRODUCTS. THESEMATERIALS
CONTAIN IMPORTANT INFORMATION
THATSHOULDBEREADPRIORTOSPECI-
FYING OR INSTALLING THESE PROD-
UCTS, INCLUDING:
• TOTAL CURRENT REQUIRED BY ALL
DEVICESCONNECTEDTOSYSTEMPRI-
MARY AND SECONDARY POWER
SOURCES.
• FUSE RATINGS ON NAC CIRCUITS TO
HANDLE PEAK CURRENTS FROMALL
DEVICESONTHOSECIRCUITS.
• COMPOSITE FLASH RATE FROM MUL-
TIPLE STROBES WITHIN A PERSON’S
FIELDOFVIEW.
• VOLTAGEAPPLIED: THE VOLTAGEAP-
PLIEDTOTHESEPRODUCTSMUSTBE
WITHINTHEIRRATEDINPUTVOLTAGE
RANGE.
• INSTALLATION OF 110 CANDELA
STROBEPRODUCTSINSLEEPINGAR-
EAS.
• INSTALLATION IN OFFICEAREASAND
OTHERSPECIFICATIONANDINSTALLA-
TIONISSUES.
• Note: USE AS/AH ONLY ON CIRCUITS
WITHCONTINUOUSLYAPPLIEDOPER-
ATING VOLTAGE. DO NOT USEAS SE-
RIESONCODEDORINTERRUPTED NAC
CIRCUITS IN WHICH THE APPLIED
VOLTAGE IS CYCLED ONAND OFF,AS
THE STROBE MAY NOTFLASH.
• CONDUCTORSPECIFICATIONS: CON-
DUCTOR SIZE (AWG), LENGTH AND
AMPACITY SHOULD BE TAKEN INTO
CONSIDERATION PRIOR TO DESIGN
AND INSTALLATION OF THESE PROD-
UCTS,PARTICULARLYINRETROFITIN-
STALLATIONS.
• FAILURETOCOMPLYWITHTHEINSTAL-
LATION INSTRUCTIONS OR GENERAL
INFORMATIONSHEETSCOULDRESULT
INIMPROPERINSTALLATION,APPLICA-
TION,AND/OR OPERATION OF THESE
PRODUCTSINANEMERGENCYSITUA-
Wheelock products must be used within their published specifications and must be PROPERLY
specified, applied, installed, operated, maintained, and operationally tested in accordance with
their installation instructions at the time of installation and at least twice a year or more often and
in accordance with local, state, and federal codes, regulations, and laws. Specification, appli-
cation, installation, operation, maintenance, and testing must be performed by qualified person-
nel for proper operation in accordance with all of the latest National Fire Protection Association
(NFPA), Underwriters’ Laboratories (UL), National Electrical Code (NEC), Occupational Safety
and Health Administration (OSHA), local, state, county, province, district, federal, and other
applicable building and fire standards, guidelines, regulations, laws, and codes including, but
not limited to, all appendices and amendments and the requirements of the local authority having
jurisdiction (AHJ).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com