Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH-12-WP-R Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # AH-12-WP-R
Description  Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AH-12-WP-R Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  AH-12-WP-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell AH-12-WP-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell AH-12-WP-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell AH-12-WP-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AS Series & AH Series CS-2231 06/01/04
Page 4 of 4
The Gamewell Company
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell.com
A Honeywell Company
© 2004 Gamewell
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell.
MODEL
INPUT
VOLTAGE
VDC
REGULATED
VOLTAGE
RANGE
VDC/FWR
STROBE
CANDELA
(cd)
AS-24MCW
24
16.0 - 33.0
15/30/75/110
AS-241575W
24
16.0 - 33.0
15 (75 on axis)
AS-121575W
12
8.0 - 17.5
15 (75 on axis)
AS-24MCC
24
16.0 - 33.0
15/30/75/95
ASWP-2475W
24
16.0 - 33.0
75 @ -31°F
TABLE 1: RATINGS PER UL 1971
DESC RIPT IO N
V OL UM E
REV ERBERA NT
DBA P ER UL
464 @ 10 FT .
ANEC HO IC
DBA
@ 10 FT .
High
91
99
Medium
88
95
Low
83
90
High
87
99
Medium
84
95
Low
79
90
TABLE 2 : DBA RAT INGS FO R 1 2 V DC & 2 4 V DC S ERIES
AS /AH 1 2 & 2 4 V DC AUDIBL E
Continuous
Ho r n
Code 3 Ho rn
NOTES:
SM Sync Module is rated for 3.0
amperes @ 24 VDC.
DSM Sync Module is rated for 3.0
amperes per circuit. The maximum
number of interconnected DSM
modules is twenty (20).
*Refer to mounting options data
sheet.
MODEL
NUM BER
INP UT
VOLTAGE
(VDC)
AVERAGE
MEAN
CURRENT
@ 24 VDC
MOUNTING
OP TIONS*
SM-12/24-R
24
.028
W
DSM-12/24-R
24
.035
W
SYNC MODELS/POWER SUPPLY
*Average RSM Current is per UL average method and Average Mean Current is per UL average mean method. AH and AS-12 models use
average mean current. For rated in Rush and Peak current across the UL listed voltage range for both filtered DC and unfiltered VRMS
(FWR), see installation instructions.
AUDIBLE
AH-24
AS-241575W
15/75cd
15cd
30cd
75cd
110cd
135cd
185cd
15cd
30cd
75cd
95cd
115cd
177cd
16 vdc
0.035
0.0130
0.099
0.135
0.219
0.303
0.355
0.480
0.105
0.145
0.238
0.330
0.355
0.480
24 vdc
0.050
0.0107
0.093
0.114
0.157
0.197
0.250
0.320
0.970
0.120
0.169
0.213
0.250
0.320
33 vdc
0.069
0.0105
0.098
0.108
0.138
0.166
0.210
0.250
0.101
0.113
0.146
0.177
0.210
0.250
16 vdc
0.020
0.114
0.078
0.116
0.203
0.282
0.340
0.465
0.084
0.126
0.222
0.309
0.340
0.465
24 vdc
0.026
0.085
0.065
0.088
0.133
0.179
0.230
0.305
0.069
0.094
0.145
0.195
0.230
0.305
33 vdc
0.035
0.075
0.065
0.078
0.206
0.134
0.180
0.230
0.068
0.083
0.114
0.145
0.180
0.230
16 vdc
0.014
0.108
0.070
0.111
0.201
0.279
0.335
0.460
0.076
0.121
0.220
0.306
0.335
0.460
24 vdc
0.014
0.075
0.052
0.077
0.126
0.169
0.220
0.295
0.056
0.084
0.138
0.185
0.220
0.295
33 vdc
0.021
0.060
0.046
0.063
0.094
0.121
0.170
0.215
0.049
0.068
0.102
0.132
0.170
0.215
AUDIBLE
WALL
M OUNT
AUDIBLE
STROBE
AUDIBLE
WALL
MOUNT
AUDIBLE
STROBE
AUDIBLE
WALL
MOUNT
AUDIBLE
STROBE
AH-12
AS-121575W
AH-12
AS-121575W
AH-12
AS-121575W
8 vdc
0.093
0.320
8 vdc
0.037
0.275
8 vdc
0.030
0.265
12 vdc
0.108
0.260
12 vdc
0.049
0.195
12 vdc
0.035
0.175
17.5 vdc
0.128
0.220
17.5 vdc
0.069
0.160
17.5 vdc
0.042
0.133
TABLE 3: AVERAGE RSM CURRENT*
24 VDC MODELS
WALL MOUNT AUDIBLE STROBE MODELS
CELING MOUNT STROBE MODELS
AS-24MCW
AS-24MCWH
AS-24M CC
AS-24MCCH
HIGH
(99)
dBA
MEDIU
M
(95)
dBA
LOW
(90)
dBA
12 VDC MODELS
12 VDC MODELS
12 VDC MODELS
HIGH
(99)
dBA
M EDIUM
(95) dBA
LOW
(90)
dBA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com