Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET70-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # ET70-R
Description  Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ET70-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  ET70-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell ET70-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell ET70-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell ET70-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ET Low Profile Speakers & Strobes
CS-2240 09/01/06
Page 2 of 4
WARNING: CONTACT COOPER-WHEELOCK
FOR THE CURRENT “INSTALLATION IN-
STRUCTIONS” AND “GENERAL INFORMA-
TION” SHEET (P82380) ON THESE PRODUCTS.
THESE DOCUMENTS UNDERGO PERIODIC
CHANGES. IT IS IMPORTANT THAT YOU HAVE
CURRENT INFORMATION ON THESE PROD-
UCTS. THESE MATERIALS CONTAIN IMPOR-
TANT INFORMATION THAT SHOULD BE READ
PRIOR TO SPECIFYING OR INSTALLING
THESE PRODUCTS, INCLUDING:
TOTAL CURRENT REQUIRED BY ALL AP-
PLIANCES CONNECTED TO SYSTEM SEC-
ONDARY POWER SOURCES.
USE RATINGS ON NOTIFICATION APPLI-
ANCE CIRCUITS TO HANDLE PEAK CUR-
RENTS FROM ALL APPLIANCES ON THOSE
CIRCUITS.
COMPOSITE FLASH RATE FROM MULTIPLE
STROBES WITHIN A PERSON’S FIELD OF
VIEW.
ADDING, REPLACING OR CHANGING AP-
PLIANCES OR CHANGING CANDELA SET-
TINGS WILL AFFECT CURRENT DRAW.
RECALCULATE CURRENT DRAW TO IN-
SURE THAT THE TOTAL AVERAGE CUR-
RENT AND TOTAL PEAK REQUIRED BY ALL
APPLIANCES DO NOT EXCEED THE RATED
CAPACITY OF THE POWER SOURCES OR
FUSES.
THE VOLTAGE APPLIED TO THESE PROD-
UCTS MUST BE WITHIN THEIR
“REGULATED VOLTAGE RANGE”.
INSTALLATION OF 110 CANDELA STROBE
PRODUCTS IN SLEEPING AREAS.
INSTALLATION IN OFFICE AREAS AND
OTHER SPECIFICATION AND INSTALLA-
TION ISSUES.
USE STROBES ONLY ON CIRCUITS WITH
CONTINUOUSLY APPLIED OPERATING
VOLTAGE. DO NOT USE STROBES ON
CODED OR INTERRUPTED CIRCUITS IN
WHICH THE APPLIED VOLTAGE IS CYCLED
ON AND OFF AS THE STROBES MAY NOT
FLASH.
FAILURE TO COMPLY WITH THE INSTALLA-
TION INSTRUCTIONS OR GENERAL INFOR-
MATION SHEETS COULD RESULT IN IM-
PROPER INSTALLATION, APPLICATION,
AND/OR OPERATION OF THESE PROD-
UCTS IN AN EMERGENCY SITUATION,
WHICH COULD RESULT IN PROPERTY
DAMAGE AND SERIOUS INJURY OR DEATH
TO YOU AND/OR OTHERS.
CONDUCTOR SIZE (AWG), LENGTH AND
AMPACITY SHOULD BE TAKEN INTO CON-
SIDERATION PRIOR TO DESIGN AND IN-
STALLATION OF THESE PRODUCTS, PAR-
TICULARLY IN RETROFIT INSTALLATIONS.
General Notes
• Strobes are designed to flash once per second minimum over their “Regulated
Voltage Range”. Note that NFPA-72 specifies a flash rate of 1 to 2 flashes per
second and ADA Guidelines specify a flash rate of 1 to 3 flashes per second.
• All candela ratings represent min. effective Strobe intensity per UL Standard 1971.
• Series ET Speaker Strobes and Series ET Speakers are listed under UL Stan-
dard 1971 for indoor use with a temperature range of 32°F to 120°F (0°C to 49°
C) and maximum humidity of 85%.
• Cooper-Wheelock Weatherproof Appliances are designed to operate over an
extended temperature of of -31° F to 150°F (-35°C - 66°C) and all candela rat-
ings represent minimum effective strobe intensity based on UL 1638. Maximum
humidity of 93% RH + 2%
• “Regulated Voltage Range” is the newest terminology used by UL to identify
voltage range. Prior to this change, UL used the term, “Listed Voltage Range”.
Engineer’s Specifications
The speaker appliances shall be Cooper-Wheelock Series ET Speakers and
speaker strobe appliances shall be Cooper-Wheelock Series ET Speaker Strobes
or approved equals. The speakers shall be UL Listed under Standard 1480 for Fire
Protective Service and speakers equipped with strobes shall be listed under UL
Standard 1971 for Signaling Devices for the Hearing-Impaired. In addition, the
strobes shall be certified to meet the requirements of FCC Part 15, Class B.
All speakers shall be designed for a field selectable input of either 25 or 70 VRMS,
with selectable power taps from 1/8 watt to 8 watts. All models shall have listed
sound output of up to 93 dB at 10 feet and a listed frequency response of 400 to
4000 Hz. The speaker shall also incorporate a sealed back construction. All inputs
shall employ terminals that accept #12 to #18 AWG wire sizes.
The strobe portion of the appliance produces a flash rate of one (1) flash per sec-
ond over the Regulated Voltage Range and incorporates a Xenon flashtube en-
closed in a rugged Lexan® lens. The strobe is of low current design. If, Multi-
Candela Speaker Strobes are specified, the strobe intensity has field selectable
settings and is rated per UL Standard 1971 at 15/30/75/110cd or 135/185cd for
wall mount and 15/30/75/95 cd or 115/177cd for ceiling mount. The selector switch
for the candela is tamper resistant. The 15/75 strobe is specified when 15 candela
UL Standard 1971 listing with 75 candela on-axis is required (ADA compliance).
When synchronization is required, the strobe portion of the appliance is compatible
with Cooper-Wheelock’s SM, DSM sync modules or power supply with built-in Coo-
per-Wheelock Patented Sync Protocol. The strobes do not drift out of synchroniza-
tion during operation. If the sync module or Power Supply fails to operate,
(i.e.,contacts remain closed), the strobe reverts to a non-synchronized flash rate.
The speaker and speaker strobe appliances shall be designed for indoor surface or
flush mounting. The speaker and speaker strobe incorporates a speaker mounting
plate with a grille cover which is secured with two screws for a level, aesthetic fin-
ish and shall mount to standard electrical hardware requiring no additional trimplate
or adapter. The finish of the Series ET speakers and speaker strobes shall be
white or red plate. All speakers and speaker strobes shall be backward compatible.
Cooper-Wheelock products must be used within their published specifications and
must be PROPERLY specified, applied, installed, operated, maintained and opera-
tionally tested in accordance with their installation instructions at the time of instal-
lation and at least twice a year or more often and in accordance with local, state
and federal codes, regulations and laws. Specification, application, installation,
operation, maintenance and testing must be performed by qualified personnel for
proper operation in accordance with all of the latest National Fire Protection Asso-
ciation (NFPA), Underwriters’ Laboratories (UL), National Electrical Code (NEC),
Occupational Safety and Health Administration (OSHA), local, state, county, prov-
ince, district, federal and other applicable building and fire standards, guidelines,
regulations, laws and codes including, but not limited to, all appendices and
amendments and the requirements of the local authority having jurisdiction (AHJ).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com