Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET70-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ET70-R
Description  Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ET70-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ET70-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell ET70-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell ET70-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell ET70-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cooper-Wheelock ET Series
Low-Profile Speakers & Speaker Strobes
Features
ADA/NFPA/UFC/ANSI compliant.
Meets OSHA 29 Part 1910.165.
Wall mount models are available with
Field Selectable Candela Settings of
15/30/75/110cd or 135/185cd (Multi-
Candela models) or 15/75cd (Single
Candela model).
Ceiling mount models are available with
field selectable candela settings of
15/30/75/95cd or 115/177cd (multi-
candela models).
Strobes produce 1 flash per second over
the regulated voltage range.
24 VDC with wide UL “Regulated Voltage”
using filtered DC or unfiltered VRMS input
voltage.
• Synchronize with Cooper-Wheelock SM,
DSM or power supply with built-in Whee-
lock sync protocol.
Field selectable taps for 25 or 70 V
RMS op-
eration from 1/8 watt to 8 watts.
High efficiency design for maximum output
at minimum wattage across a frequency
range of 400 to 4000 HZ.
Fast installation with IN/OUT screw termi-
nals using 12 to 18 AWG wires.
Listings
Listings and approvals below apply to the
basic ET Series Low Profile Speakers and
Speaker Strobes. In some cases, certain
modules may not be listed by certain ap-
proval agencies, or listing may be in proc-
ess. Consult factory for latest listing status.
UL Listed: files S2652 (Speakers), S2652/
S5391 (Strobe/Speakers)
MEA Listed. file 151-92-E Vol. XXI
CSFM approved: files 7135-0785:135,
7125-0785:146, 7125-0785:152
Description
Cooper-Wheelock’s high performance Series
ET Speakers and Series ET Speaker Strobes
provide high audio output, clear audibility,
dual voltage (25/70 VRMS) capability and field
selectable taps from 1/8 to 8 watts. They are
designed to meet the critical needs of the life
safety industry for effective emergency voice
communications, tone signaling and visible
signaling to alert the hearing impaired.
The low profile design incorporates a speaker
mounting plate for faster and easier installa-
tion. Each model has a built-in level adjust-
ment feature and an aesthetic two (2) screw
grille cover.
The Series ET Speaker Strobe models incor-
porate
Low
Current
draw
Series
RSS
Strobes.
Strobe options for wall mount models include
15/75 cd or Cooper-Wheelock’s patented
MCW multi-candela strobe with field select-
able candela settings of 15/30/75/110cd or
the high intensity MCWH strobe with field
selectable 135/185cd. Ceiling mount models
are available in Cooper-Wheelock’s patented
MCC multi-candela ceiling strobe with field
Multi-Candela Indicator
(bottom of Strobe Lens)
ET Low Profile Speakers & Strobes
CS-2240 09/01/06
Page 1 of 4
ET90 Series Speaker Strobe
ET70 Series Speaker Strobe
selectable intensities of 15/30/75/95cd or the high intensity MCCH strobe with
field selectable 115/177cd.
The strobe portion of all Series ET Strobes may be synchronized when used
with the Cooper-Wheelock SM, DSM sync modules or any power supply with
patented Cooper-Wheelock Sync Protocol. Cooper-Wheelock’s synchronized
strobes offer an easy way to comply with ADA recommendations concerning
photosensitive epilepsy.
Series ET70 and ET90 Speaker Strobes are UL Listed for indoor use under
Standard 1971 (Signaling Devices for the Hearing Impaired) and Standard 1480
(Speaker Appliances), and use a Xenon flashtube with solid state circuitry en-
closed in a rugged Lexan® lens to provide maximum reliability for effective visual
signaling. All inputs are supervised and employ IN/OUT wiring terminals for fast
installation using 12 to 18 AWG wiring.
Color options for Series ET speakers and speaker strobes are red or white.
Cooper-Wheelock’s Weatherproof Low Profile Speaker Strobe, Series ET70WP-
2475W-FR appliance has an extended temperature range of -31° F to 150° F
(-35° C to 66° C) that will satisfy virtually all outdoor and severe environment
applications.
The strobe has a 75 candela intensity on axis at 31°F (-35°C) and 180cd at 77°F
(25°C) with low current draw. For outdoor applications, the ET70WP-2475W-FR
must be wall mounted to a Weatherproof Back Box (IOB).


Similar Part No. - ET70-R

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
Wheelock
More results

Similar Description - ET70-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
Cooper-Wheelock
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
Cooper-Wheelock
CH70-24MCW-FR GAMEWELL-FCI-CH70-24MCW-FR Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
SERIES ET LOW PROFILE SPEAKER STROBES
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
Speaker/Strobes
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com