Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E90-R Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # E90-R
Description  Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E90-R Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  E90-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell E90-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell E90-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell E90-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and wiring information are provided for information only and are be-
lieved to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instruc-
tions shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Page 4 of 4
E Low Profile Speakers & Strobes CS-2242
09/01/06
NOTE: All CAUTIONS and WARNINGS are
identified by the symbol . All warnings are
printed in bold capital letters. PLEASE READ
THESE SPECIFICATIONS AND ASSOCIATED
INSTALLATION
INSTRUCTIONS
CARE-
FULLY BEFORE USING, SPECIFYING OR
APPLYING THIS PRODUCT. FAILURE TO
COMPLY WITH ANY OF THESE INSTRUC-
TIONS, CAUTIONS OR WARNINGS COULD
RESULT IN IMPROPER APPLICATION, IN-
STALLATION
AND/OR
OPERATION
OF
THESE PRODUCTS IN AN EMERGENCY
SITUATION,
WHICH
COULD
RESULT
IN
PROPERTY DAMAGE, AND SERIOUS IN-
JURY OR DEATH TO YOU AND/OR OTHERS.
Ordering Information
* Average RMS Current is per UL average RMS method and Average Mean Current is per UL average mean method. For rate In
Rush and Peak current across the UL Listed voltage range for both filtered DC and unfiltered VRMS (FWR), see installation instruc-
tions.
** Refer to mounting options data sheet.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
MO D E L
NU M BE R
IN P U T
VO L T A G E
( V DC)
A VER A G E
ME A N
CU RR E NT
@ 2 4 V D C
MO U N T I N G
OP T I O N S
SM -12/ 24-R
24
.028
W
D SM -12/ 24-R
24
.035
W
SYN C M O D EL S/ P O W ER SU P P L Y
SM Sync Module is rated for 3.0 amperes @ 24 VDC.
DSM Sync Module is rated for 3.0 amperes per circuit. The maxi-
mum number of interconnected DSM modules is twenty (20). Refer
to Data Sheet S3000 or Installation Instructions P83123 for SM and
P83177 for DSM.
UL
M EA
C S FM
FM
BFP
E70- 2 4MCW - FR
15 /30/75/1 10
X
X
Red
W all
L ,O ,P,Q ,U,Y
X
X
X
*
X
E70- 2 4MCW - FW
15 /30/75/1 10
X
X
W hite
W all
L ,O ,P,Q ,U,Y
X
X
X
*
X
E70- 2 415 75 W - FR
1 5 ( 75 on A x is )
X
X
Red
W all
L ,O ,P,Q ,U,Y
X
X
X
*
X
E7 0 - R
-
-
-
Re d
W a ll/Ce ilin g
Q ,V
X
X
X
*
X
E7 0 - W
-
-
-
W h ite
W a ll/Ce ilin g
Q ,V
X
X
X
*
X
E70- 2 4MCW H- FR
135 /185
X
X
Red
W all
L ,O ,P,Q ,U,Y
X
*
*
*
*
E70- 2 4MCW H- FW
135 /185
X
X
W hite
W all
L ,O ,P,Q ,U,Y
X
*
*
*
*
E9 0 - 2 4 MCC- FW
1 5 /3 0 /7 5 /9 5
X
X
W h ite
Ce ilin g
Q ,V
X
*
X
*
*
E90- W
-
-
-
W h ite
W a ll/Ce ilin g
Q ,V
X
X
X
*
X
E90- R
-
-
-
Re d
W a ll/Ce ilin g
Q ,V
X
X
X
*
X
E90- 2 4MCCH- FW
115 /177
X
X
W h ite
Ce ilin g
Q ,V
X
*
*
*
*
MO DEL
S T RO BE
CA NDEL A
NO N-
SY NC
SYNC
W/S M ,
MO DEL
CO LO R
WA L L /
CEIL ING
MO UNT ING
O P T IO NS ***
A G ENCY AP P RO V ALS
241575W
15/75c d
15c d
30c d
75c d
110c d
135c d
185c d
15c d
30c d
75c d
95c d
115c d
177c d
16 v dc
0.101
0.062
0.102
0.192
0.265
0.300
0.420
0.068
0.112
0.211
0.292
0.300
0.420
24 v dc
0.064
0.041
0.065
0.116
0.155
0.195
0.270
0.045
0.072
0.128
0.171
0.195
0.270
33 v dc
0.047
0.032
0.047
0.081
0.107
0.145
0.190
0.035
0.052
0.089
0.118
0.145
0.190
T A BL E 1: A V ERA GE RM S C URRENT *
E70/E90
SPEA KER
ST ROBES
24M C W
E70 ST ROBE C URRENT - WA L L M OUNT
24M C C
24M C C H
E90 ST ROBE C URRENT - C EIL ING M OUNT
24M C WH
w atts
1/8
1/4
1/2
1
2
E Speaker
78.1
80.8
83.8
86.0
88.8
E Speaker Strobe
77.5
80.4
83.2
85.7
87.8
TABLE 2: E70/E90 UL REVERBERANT dBA @ 10 Feet**
** dBA ratings based
on UL testing under
UL Standard 1480



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com