Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E90-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # E90-R
Description  Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E90-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  E90-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell E90-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell E90-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell E90-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cooper-Wheelock E Series
Low-Profile Speakers & Speaker Strobes
Features
• ADA/NFPA/UFC/ANSI compliant
• Complies with OSHA 29 Part 1910.165
• Wall mount models are available with
Field Selectable Candela Settings of
15/30/75/110cd or 135/185cd (Multi-
Candela models), or 15/75cd (Single
Candela model)
• Ceiling mount models are available with
field selectable candela settings of
15/30/75/95cd or 115/177cd (multi-
candela models)
• Strobes produce 1 flash per second over
the regulated voltage range
• 24 VDC with wide UL “Regulated Voltage”
using filtered DC or unfiltered VRMS input
voltage
• Synchronize with Cooper-Wheelock SM,
DSM or a power supply with built-in Coo-
per-Wheelock sync protocol
• Field selectable taps for 25 or 70 V
RMS op-
eration from 1/8 watt up to 2 watts
• High efficiency design for maximum output
at minimum wattage across a frequency
range of 400 to 4000 HZ
• Fast installation with IN/OUT screw termi-
nals using #12 to #18 AWG wires
Listings
Listings and approvals below apply to the
basic E Series Low Profile Speakers and
Speaker Strobes. In some cases, certain
modules may not be listed by certain ap-
proval agencies, or listing may be in proc-
ess. Consult factory for latest listing status.
• UL Listed: files S2652 (Speakers), S2652/
S5391 (Strobe/Speakers)
• MEA Listed. file 151-92-E Vol. XXI
• CSFM approved: files 7320-0785:134,
(Speakers), 7125-0785:146
(Strobes/Speakers), 7125-0785:152
Description
Cooper-Wheelock’s Series E Low Profile
Speakers and Speaker Strobes are designed
for high efficiency sound output, with dual
voltage (25/70 VRMS) capability and field
selectable taps from 1/8 to 2 watts. The low
profile design incorporates a speaker mount-
ing plate for faster and easier installation.
Each model has a built-in level adjustment
feature and an aesthetic two (2) screw grille
cover.
The Series E Speaker Strobe models incor-
porate the Low Current draw Series RSS
Strobes.
Strobe options for wall mount models include
15/75 or Cooper-Wheelock’s patented MCW
multi-candela strobe with field selectable can-
dela settings of 15/30/75/110cd or the high
intensity MCWH strobe with field selectable
135/185cd.
Ceiling mount models are available in Coo-
per-Wheelock’s patented MCC multi-candela
ceiling strobe with field selectable intensities
of 15/30/75/95cd or the high intensity MCCH
strobe with field selectable 115/177cd.
Multi-Candela Indicator
(bottom of Strobe Lens)
E Low Profile Speakers & Strobes
CS-2242 09/01/06
Page 1 of 4
E70 Series Speaker Strobe
E90 Series Speaker Strobe
Series E Speakers and Speaker Strobes provide high audio output with clear
audibility and are designed to meet the critical needs of the life safety industry for
effective emergency voice communications, tone signaling and visible signaling
to alert the hearing impaired.
The strobe portion of all Series E Speaker Strobes may be synchronized when
used in conjunction with the Cooper-Wheelock SM, DSM Sync Modules or a
power
supply
with
Patented
Cooper-Wheelock
Sync
Protocol.
Cooper-
Wheelock’s synchronized strobes offer an easy way to comply with ADA recom-
mendations concerning photosensitive epilepsy.
Series E Speaker Strobes are UL Listed for indoor use under Standard 1971
(Signaling Devices for the Hearing-Impaired) and Standard 1480 (Speaker Appli-
ances), and use a Xenon flashtube with solid state circuitry enclosed in a rugged
Lexan® lens to provide maximum reliability for effective visual signaling. All
inputs are supervised and employ IN/OUT wiring terminals for fast installation
using #12 to #18 AWG wiring.
Color options for the E Series Speakers and Speaker Strobes offered are
colored red or white.


Similar Part No. - E90-R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E90 GILWAY-E90 Datasheet
1,012Kb / 8P
Engineering Catalog 169
logo
Energizer
E90 ENERGIZER-E90 Datasheet
139Kb / 2P
1.5 Volts 9.0 grams (0.3 oz.) 3.3 cubic centimeters (0.2 cubic inch)
logo
Pulse A Technitrol Comp...
E9001 PULSE-E9001 Datasheet
192Kb / 3P
PCI EXPRESS 1.0MM CARD EDGE ASSY
E9001-001-01 PULSE-E9001-001-01 Datasheet
192Kb / 3P
PCI EXPRESS 1.0MM CARD EDGE ASSY
E9001-001-02 PULSE-E9001-001-02 Datasheet
192Kb / 3P
PCI EXPRESS 1.0MM CARD EDGE ASSY
More results

Similar Description - E90-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
Cooper-Wheelock
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
Cooper-Wheelock
CH70-24MCW-FR GAMEWELL-FCI-CH70-24MCW-FR Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
SERIES ET LOW PROFILE SPEAKER STROBES
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
Speaker/Strobes
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com