Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM-SS Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SCM-SS
Description  Six-Circuit Addressable Control Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SCM-SS Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SCM-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 3Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 4Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 5Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 6Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SCM-SS and SYNC-1
CS-2471
09/01/06
Page 2 of 6
Specifications
Standby current
2.25 mA (SLC current draw with all
addresses used; if some addresses
are disabled, the standby current
decreases).
Alarm current
35 mA (assumes all six relays have
been switched once and all six
LEDs solid ON).
Temperature range
32°F to 120°F (0°C to 49°C) for UL
applications.
Humidity
10% to 85% noncondensing for UL
applications.
Dimensions
6.8" (172.72 mm) high x 5.8"
(147.32 mm) wide x 1.25" (31.75
mm) deep.
Shipping weight
1.1 lb. (0.499 kg) including packag-
ing.
Mounting options
CHS-6 chassis, BB-25 cabinet, BB-
XP cabinet, or suitably grounded
metallic cabinet.
Wire gauge
12 AWG (3.1 mm²) to 18 AWG (0.78
mm²), grounded.
SCM-SS is shipped in Class B
position
Remove shunt for Class A operation.
Maximum NAC wiring resistance
40 ohms.
Power rating per circuit
63 W @ 70.7 VAC (UL applications
only); 22.5 W @ 25 VAC.
Relay contact ratings
30 VDC, 110 VAC.
Current ratings
• 3.0 A @ 30 VDC maximum,
resistive, non-coded.
• 2.0 A @ 30 VDC maximum,
resistive, coded.
• 1.0 A @ 30 VDC maximum,
inductive (L/R = 2 ms), coded.
• 0.5 A @ 30 VDC maximum,
inductive (L/R = 5 ms), coded.
• 0.9 A @ 70.7 VAC maximum (UL
only), resistive, non-coded.
• 0.7 A @ 70.7 VAC maximum (UL
only), inductive (PF = 0.35), non-
coded.
Compatible devices
Contact Gamewell.
Product Line Information
SCM-SS: Six-circuit addressable control module.
SYNC-1: Optional accessory card for notification appliance synchronization.
BB-25: Optional cabinet for up to six modules mounted on CHS-6 chassis (below).
Dimensions, DOOR: 24.0" (60.96 cm) wide x 12.632" (32.0852 cm) high, x 1.25"
(3.175 cm) deep, hinged at bottom; BACKBOX: 24.0" (60.96 cm) wide x 12.550"
(31.877 cm) high x 5.218" (13.2537 cm) deep.
CHS-6: Chassis, mounts up to six modules in a BB-25 cabinet.
FIGURE 1:
Mounting the SYNC-1 accessory card
to the SCM-SS module.
Module setup: Before installing the accessory
card on the SCM-SS module, add the shunt to
the board where indicated if any horns are
required to sound in temporal pattern.
Parts included with SYNC-1: two shunts, four
screws, and two standoffs. See installation
instructions for details on mounting and wiring
the accessory card and module.
g2471snc.wmf



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com