Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM-SS Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # SCM-SS
Description  Six-Circuit Addressable Control Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SCM-SS Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  SCM-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 3Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 4Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 5Page - Gamewell-FCI by Honeywell SCM-SS Datasheet HTML 6Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCM-SS and SYNC-1 CS-2471 09/01/06
Page 1 of 6
Features
• Six supervised addressable Class
B or three addressable Class A
outputs that function as notifica-
tion appliance/speaker/telephone
circuits.
• Removable 12 AWG (3.1 mm²) to
18 AWG (0.78 mm²) plug-in
terminal blocks.
• Status indicators for each point.
• Unused addresses may be
disabled.
• Rotary address switches.
• Compatible with Gamewell’s 602,
610, 632, 654 and 658 panels
with SmartScan™ SLC.
• Optional SYNC-1 accessory card
for SpectrAlert® devices.
• Mount one or two modules in a
BB-XP cabinet (optional).
• Mount up to six modules on a
CHS-6 chassis in a BB-25
cabinet (optional).
• Mounting hardware included.
Listings
Listings and approvals below
apply to the SCM-SS Six-Circuit
Addressable Control Module and
SYNC-1 Accessory Card. In
some cases, certain modules
may not be listed by certain
approval agencies, or listing may
be in process. Consult factory for
latest listing status.
• UL Listed: file S521.
• CSFM approved:
file 7300-1288:169.
• MEA approved:
file 368-01-E Vol. II.
SCM-SS
Six-Circuit Addressable Control Module
and SYNC-1 Accessory Card
Description
Gamewell’s SCM-SS SmartScan™
six-circuit addressable control
module provides intelligent alarm
systems with supervised monitoring
of wiring to load devices that require
an external power supply to operate,
such as horns, strobes, or bells. Each
module is intended for switching ap-
plications involving AC, DC, or audio,
which require wiring supervision.
Upon command from the control
panel, the SCM-SS will disconnect
the supervision and connect the ex-
ternal power supply across the load
device.
The first module is addressed from
01 to 94 while the remaining modules
are automatically assigned to the next
five higher addresses. Provisions are
included for disabling a maximum of
three unused addresses. Each SCM-SS module has terminals for connection to an
external supply circuit for powering devices on its notification appliance circuit. One or
multiple power supplies or amplifiers may be used.
Each SCM-SS module features a short-circuit protection monitor to protect the exter-
nal power supply against short-circuit conditions on the NAC. When an alarm condi-
tion occurs, the relay which connects the external supply to the NAC will not be al-
lowed to close if a short-circuit condition condition currently exists on the NAC. Addi-
tionally, an algorithm is incorporated to find shorts when the module is active. The
SCM-SS module will close all circuits that are not shorted to find the NAC with the
problem.
Each SCM-SS module has panel-controlled green LED indicators. The panel can cause
the LEDs to blink, latch on, or latch off. The SYNC-1 accessory card provides the SCM-
SS with additional functionality with compatible System Sensor SpectrAlert® audio/
visual devices.
SYNC-1 Accessory Card
The SYNC-1 accessory card is designed to operate with the SCM-SS. It works with
the SpectrAlert® series of horns, strobes, and horn/strobes to provide a means of
synchronizing the temporal-coded horns; synchronizing the one-second flash timing
of the strobe; and silencing the horns of the horn/strobe combination over a two-wire
circuit while leaving the strobes active. Each SYNC-1 accessory card is capable of
synchronizing six Class B circuits or three Class A circuits.
Maximum load on a loop: 3 A.
Operating temperature: 32°F to 120°F (0°C to 49°C).
Wire size: 12 to 18 AWG (3.1 to 0.78 mm²).
Operating voltage range: 11 to 30 VDC FWR, filtered or unfiltered. Refer to notifica-
tion appliance installation instructions for number of notification appliances and wire
size.
Compatible A/V devices: H12/24, HC12/24, MA12/24D, PA400, S12__, S24__,
SC24__, P12__, P24__, PC24__, SP2C24__, SP2R24__, SP2W24__, DS2475___.
Refer to device data sheets for model specifications.


Similar Part No. - SCM-SS

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SCM-S01602DSFA LUMEX-SCM-S01602DSFA Datasheet
117Kb / 2P
5.56mm CHARACTER HEIGHT, 5 x 8 DOT MATRIX, STN, TRANSFLECTIVE WITH LED BAKLIGHT, 16 x 2 LCD MODULE, 1/16 DUTY, 1/5 BIAS
logo
Eravant
SCM-SM33-UB ERAVANT-SCM-SM33-UB Datasheet
315Kb / 3P
SMA (M) Coaxial Matching Load, 2 Watt
Rev 1.0
More results

Similar Description - SCM-SS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AOM-2RF GAMEWELL-FCI-AOM-2RF Datasheet
233Kb / 1P
Addressable output relay control module
AOM-2SF GAMEWELL-FCI-AOM-2SF Datasheet
299Kb / 1P
Addressable output supervised control module
AMM-4SF GAMEWELL-FCI-AMM-4SF Datasheet
195Kb / 1P
Addressable monitor module, single circuit,
AM500 GAMEWELL-FCI-AM500 Datasheet
328Kb / 2P
Addressable Module
RCM-SS GAMEWELL-FCI-RCM-SS Datasheet
297Kb / 2P
Six-Relay Addressable Control Module
CZM-SS GAMEWELL-FCI-CZM-SS Datasheet
226Kb / 4P
Six-Zone Addressable Interface Module
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
Analog Addressable Control Panel
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
Analog Addressable Control Panel
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
Addressable Monitor Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com