Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1211 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI1211
Description  PC CARD CONTROLLERS
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1211 Datasheet(HTML) 1 Page - Texas Instruments

  PCI1211 Datasheet HTML 1Page - Texas Instruments PCI1211 Datasheet HTML 2Page - Texas Instruments PCI1211 Datasheet HTML 3Page - Texas Instruments PCI1211 Datasheet HTML 4Page - Texas Instruments PCI1211 Datasheet HTML 5Page - Texas Instruments PCI1211 Datasheet HTML 6Page - Texas Instruments PCI1211 Datasheet HTML 7Page - Texas Instruments PCI1211 Datasheet HTML 8Page - Texas Instruments PCI1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
PCI1211 GGU/PGE
PC CARD CONTROLLERS
SCPS033A – OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D PC 98/99 Compliant
D PCI Bus Power Management Interface
Specification 1.0 Compliant
D Advanced Configuration and Power
Interface (ACPI) 1.0 Compliant
D Fully Compatible With the Intel™ 430TX
(Mobile Triton II) Chipset
D PCI Local Bus Specification Revision 2.2
Compliant
D 1997 PC Card™ Standard Compliant
D 3.3-V Core Logic With Universal PCI
Interfaces Compatible With 3.3-V and 5-V
PCI Signaling Environments
D Mix-and-Match 5-V/3.3-V PC Card16 Cards
and 3.3-V CardBus Cards
D Supports a Single PC Card or CardBus Slot
With Hot Insertion and Removal
D Provides Interface to Parallel Single-Slot
PC Card Power-Interface Switches like the
TI
™ TPS2211
D Supports Burst Transfers to Maximize Data
Throughput on the PCI Bus and the
CardBus Bus
D Supports Parallel PCI Interrupts, Parallel
ISA IRQ and Parallel PCI Interrupts, Serial
ISA IRQ With Parallel PCI Interrupts, and
Serial ISA IRQ and PCI Interrupts
D Pin-to-Pin Compatible with PCI1210
D Serial EEPROM Interface for Loading
Subsystem ID and Subsystem Vendor ID
D Pipelined Architecture Allows Greater Than
130M-Bytes-Per-Second Throughput From
CardBus to PCI and From PCI to CardBus
D Supports Up to Five General-Purpose I/Os
D Five PCI Memory Windows and Two I/O
Windows Available to the PC Card16
Socket
D Two I/O Windows and Two Memory
Windows Available to the CardBus Socket
D Exchangeable Card Architecture (ExCA)
Compatible Registers Are Mapped in
Memory and I/O Space
D Intel 82365SL-DF Register Compatible
D Supports Distributed DMA (DDMA) and
PC/PCI DMA
D Supports 16-Bit DMA on the PC Card
Socket
D Supports Ring Indicate, SUSPEND, PCI
CLKRUN, and CardBus CCLKRUN
D Supports PCI Bus Lock (LOCK)
D LED Activity Pin
D Advanced Submicron, Low-Power CMOS
Technology
D Choice of Surface-Mount Packaging:
– PGE Low-Profile Plastic Quad Flat
Package (LQFP)
– GGU High Density Ball Grid Array (BGA)
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
System Block Diagram
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Assignments
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Name/Terminal Assignments
6
. . . . . . . . . . . . . . . . . . . . . . .
Terminal Functions
11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Supply Sequencing
21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O Characteristics
21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamping Voltages
21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peripheral Component Interconnect (PCI) Interface
22
. . . . . . . .
PC Card Applications
23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Serial Bus Interface
30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Programmable Interrupt Subsystem
34
. . . . . . . . . . . . . . . . . . . . . .
Power Management Overview
38
. . . . . . . . . . . . . . . . . . . . . . . . . .
PC Card Controller Programming Model
43
. . . . . . . . . . . . . . . . . . . . .
PCI Configuration Registers
43
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ExCA Compatibility Registers
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CardBus Socket Registers
104
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Distributed DMA (DDMA) Registers
112
. . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
118
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
119
. . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics
120
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Clock/Reset Timing Requirements
121
. . . . . . . . . . . . . . . . . . . . .
PCI Timing Requirements
121
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Parameter Measurement Information
122
. . . . . . . . . . . . . . . . . . . . . . .
PCI Bus Parameter Measurement Information
123
. . . . . . . . . . . . . . .
Mechanical Data
128
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Intel is a trademark of Intel Corporation.
PC Card is a trademark of Personal Computer Memory Card International Association (PCMCIA).
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - PCI1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1210GGU TI1-PCI1210GGU Datasheet
2Mb / 128P
PCI1210 GGU/PGE PC CARD CONTROLLERS
More results

Similar Description - PCI1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1225 TI-PCI1225 Datasheet
1Mb / 131P
PC CARD CONTROLLERS
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
PC CARD CONTROLLERS
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
PC Card Controllers
PCI1450 TI-PCI1450 Datasheet
1Mb / 132P
PC Card Controllers
PCI1520 TI-PCI1520 Datasheet
745Kb / 138P
PC CARD CONTROLLERS
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
PC Card Controllers
PCI1510RGVF TI1-PCI1510RGVF Datasheet
58Kb / 4P
PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
PC Card Controllers
PCI1520GHK TI-PCI1520GHK Datasheet
716Kb / 139P
PC Card Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com