Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1211 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI1211
Description  PC CARD CONTROLLERS
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1211 Datasheet HTML 17Page - Texas Instruments PCI1211 Datasheet HTML 18Page - Texas Instruments PCI1211 Datasheet HTML 19Page - Texas Instruments PCI1211 Datasheet HTML 20Page - Texas Instruments PCI1211 Datasheet HTML 21Page - Texas Instruments PCI1211 Datasheet HTML 22Page - Texas Instruments PCI1211 Datasheet HTML 23Page - Texas Instruments PCI1211 Datasheet HTML 24Page - Texas Instruments PCI1211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
PCI1211 GGU/PGE
PC CARD CONTROLLERS
SCPS033A – OCTOBER 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power supply sequencing
The PCI1211 contains 3.3-V I/O buffers with 5-V tolerance requiring a core power supply and clamp voltage.
The core power supply is always 3.3 V. The clamp voltage can be either 3.3 V or 5 V, depending on the interface.
The following power-up and power-down sequences are recommended.
The power-up sequence is:
1.
Apply 3.3-V power to the core.
2.
Assert PRST to the device to disable the outputs during power up. Output drivers must be powered up in
the high-impedance state to prevent high current levels through the clamp diodes to the 5-V supply.
3.
Apply the clamp voltage.
The power-down sequence is:
1.
Use PRST to switch outputs to a high-impedance state.
2.
Remove the clamp voltage.
3.
Remove the 3.3-V power from the core.
I/O characteristics
Figure 1 shows a 3-state bidirectional buffer. The
recommended operating conditions table, on page 119,
provides the electrical characteristics of the inputs and outputs.
NOTE:
The PCI1211 meets the ac specifications of the
1997 PC Card Standard and PCI Local Bus
Specification Revision 2.2.
Tied for Open Drain
OE
Pad
VCCP
Figure 1. 3-State Bidirectional Buffer
NOTE:
Unused pins (input or I/O) must be held high or low to prevent them from floating.
clamping voltages
The clamping voltages are set to match whatever external environment the PCI1211 will be working with: 3.3 V
or 5 V. The I/O sites can be pulled through a clamping diode to a voltage that protects the core from external
signals. The core power supply is always 3.3 V and is independent of the clamping voltages. For example, PCI
signaling can be either 3.3 V or 5 V, and the PCI1211 must reliably accommodate both voltage levels. This is
accomplished by using a 3.3-V I/O buffer that is 5-V tolerant, with the applicable clamping voltage applied. If
a system designer desires a 5-V PCI bus, VCCP can be connected to a 5-V power supply.
The PCI1211 requires three separate clamping voltages because it supports a wide range of features. The three
voltages are listed and defined in the
recommended operating conditions, on page 119.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com