Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1450 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 1 Page - Texas Instruments

  PCI1450 Datasheet HTML 1Page - Texas Instruments PCI1450 Datasheet HTML 2Page - Texas Instruments PCI1450 Datasheet HTML 3Page - Texas Instruments PCI1450 Datasheet HTML 4Page - Texas Instruments PCI1450 Datasheet HTML 5Page - Texas Instruments PCI1450 Datasheet HTML 6Page - Texas Instruments PCI1450 Datasheet HTML 7Page - Texas Instruments PCI1450 Datasheet HTML 8Page - Texas Instruments PCI1450 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 1997 PC Standard Compliant
D PCI Bus Power Management Interface
Specification 1.0
D ACPI 1.0 Compliant
D PCI Local Bus Specification Revision
2.1/2.2 Compliant
D PC 98/99 Compliant
D Compliant with the PCI Bus Interface
Specification for PCI-to-CardBus Bridges
D Fully Compliant with the PCI Bus Power
Management Specification for PCI to
CardBus Bridges Specification
D Ultra Zoomed Video
D Zoomed Video Auto-Detect
D Advanced filtering on Card Detect Lines
Provide 90 Microseconds of Noise
Immunity.
D Programmable D3 Status Pin
D Internal Ring Oscillator
D 3.3-V Core Logic with Universal PCI
Interfaces Compatible with 3.3-V and 5-V
PCI Signaling Environments
D Mix-and-Match 5-V/3.3-V PC Card16 Cards
and 3.3-V CardBus Cards
D Supports Two PC Card or CardBus Slots
With Hot Insertion and Removal
D Uses Serial Interface to TI™ TPS2206 Dual
Power Switch
D Supports 132 Mbyte/sec. Burst Transfers
to Maximize Data Throughput on Both the
PCI Bus and the CardBus Bus
D Supports Serialized IRQ with PCI
Interrupts
D 8-Way Legacy IRQ Multiplexing
D Interrupt Modes Supported: Serial
ISA/Serial PCI, Serial ISA/Parallel PCI,
Parallel ISA/Parallel PCI, Parallel PCI Only.
D EEPROM Interface for Loading Subsystem
ID and Subsystem Vendor ID
D Supports Zoomed Video with Internal
Buffering
D Dedicated Pin for PCI CLKRUN
D Four General Purpose I/O’s
D Multifunction PCI Device with Separate
Configuration Space for each Socket
D Five PCI Memory Windows and Two I/O
Windows Available to each PC Card16
Socket
D Two I/O Windows and Two Memory
Windows Available to each CardBus
Socket
D ExCA™-Compatible Registers are Mapped
in Memory or I/O Space
D Supports Distributed DMA and PC/PCI
DMA
D Intel™ 82365SL-DF Register Compatible
D Supports 16-bit DMA on Both PC Card
Sockets
D Supports Ring Indicate, SUSPEND, and
PCI CLKRUN
D Advanced Submicron, Low-Power CMOS
Technology
D Provides VGA / Palette Memory and I/O,
and Subtractive Decoding Options
D LED Activity Pins
D Supports PCI Bus Lock (LOCK)
D Packaged in a 256-pin BGA or 257-pin
Micro-Star BGA
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Intel is a trademark of Intel Corporation.
PC Card is a trademark of Personal Computer Memory Card International Association (PCMCIA).
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - PCI1450

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1451 TI-PCI1451 Datasheet
583Kb / 141P
PC Card Controller
PCI1451GJG TI-PCI1451GJG Datasheet
583Kb / 141P
PC Card Controller
More results

Similar Description - PCI1450

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1225 TI-PCI1225 Datasheet
1Mb / 131P
PC CARD CONTROLLERS
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
PC CARD CONTROLLERS
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
PC Card Controllers
PCI1520 TI-PCI1520 Datasheet
745Kb / 138P
PC CARD CONTROLLERS
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
PC Card Controllers
PCI1510RGVF TI1-PCI1510RGVF Datasheet
58Kb / 4P
PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
PC Card Controllers
PCI1520GHK TI-PCI1520GHK Datasheet
716Kb / 139P
PC Card Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com