Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1450 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 17Page - Texas Instruments PCI1450 Datasheet HTML 18Page - Texas Instruments PCI1450 Datasheet HTML 19Page - Texas Instruments PCI1450 Datasheet HTML 20Page - Texas Instruments PCI1450 Datasheet HTML 21Page - Texas Instruments PCI1450 Datasheet HTML 22Page - Texas Instruments PCI1450 Datasheet HTML 23Page - Texas Instruments PCI1450 Datasheet HTML 24Page - Texas Instruments PCI1450 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
terminal functions (continued)
Table 15. CardBus PC Card Address and Data (slots A and B)
TERMINAL
GFN NO.
GJG NO.
I/O
FUNCTION
NAME
SLOT
A†
SLOT
B‡
SLOT
A†
SLOT
B‡
TYPE
FUNCTION
CAD31
CAD30
CAD29
CAD28
CAD27
CAD26
CAD25
CAD24
CAD23
CAD22
CAD21
CAD20
CAD19
CAD18
CAD17
CAD16
CAD15
CAD14
CAD13
CAD12
CAD11
CAD10
CAD9
CAD8
CAD7
CAD6
CAD5
CAD4
CAD3
CAD2
CAD1
CAD0
W8
Y7
W7
V7
Y6
U5
V4
W4
W3
W2
V3
V2
T4
V1
U2
M4
M2
M3
L4
M1
L3
L2
L1
K3
J1
J4
J3
H2
H1
G1
H3
G2
B7
C8
B8
A8
D9
C11
B11
A12
C12
A13
B13
A14
C14
A15
B15
C18
C19
B20
E17
D18
C20
D19
E18
E19
G17
G18
F19
G19
F20
H18
G20
H19
W8
W7
V7
R7
P7
W4
V3
W3
V2
U2
T4
T1
R2
R1
P6
L2
L6
L1
K2
K4
K1
K6
J5
J1
H4
H6
H1
G1
G4
G6
G5
F2
E8
B8
F8
E9
D9
E11
B11
A11
E12
B12
A12
A13
E13
F13
A14
D16
D18
C19
E16
D19
E18
E19
F15
F18
G14
G19
G18
H15
G13
H18
H16
H19
I/O
PC Card address and data. These signals make up the multiplexed CardBus address
and data bus on the CardBus interface. During the address phase of a CardBus cycle,
CAD31–CAD0 contain a 32-bit address. During the data phase of a CardBus cycle,
CAD31–CAD0 contain data. CAD31 is the most-significant bit.
CC/BE3
CC/BE2
CC/BE1
CC/BE0
Y2
T3
N1
K1
B12
D14
B19
D20
W2
P4
L4
J2
D11
D14
C18
F16
I/O
CardBus bus commands and byte enables. CC/BE3–CC/BE0 are multiplexed on the
same CardBus terminals. During the address phase of a CardBus cycle,
CC/BE3–CC/BE0 defines the bus command. During the data phase, this 4-bit bus is
used as byte enables. The byte enables determine which byte paths of the full 32-bit data
bus carry meaningful data. CC/BE0 applies to byte 0 (CAD7–CAD0), CC/BE1 applies
to byte 1 (CAD15–CAD8), CC/BE2 applies to byte 2 (CAD23–CAD8), and CC/BE3
applies to byte 3 (CAD31–CAD24).
CPAR
N3
A19
M1
B18
I/O
CardBus parity. In all CardBus read and write cycles, the PCI1450 calculates even parity
across the CAD and CC/BE buses. As an initiator during CardBus cycles, the PCI1450
outputs CPAR with a one-CCLK delay. As a target during CardBus cycles, the calculated
parity is compared to the initiator’s parity indicator; a compare error results in a parity
error assertion.
† Terminal name for slot A is preceded with A_. For example, the full name for terminal N3 is A_CPAR.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminal A19 is B_CPAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com