Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI4450 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI4450
Description  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 47Page - Texas Instruments PCI4450 Datasheet HTML 48Page - Texas Instruments PCI4450 Datasheet HTML 49Page - Texas Instruments PCI4450 Datasheet HTML 50Page - Texas Instruments PCI4450 Datasheet HTML 51Page - Texas Instruments PCI4450 Datasheet HTML 52Page - Texas Instruments PCI4450 Datasheet HTML 53Page - Texas Instruments PCI4450 Datasheet HTML 54Page - Texas Instruments PCI4450 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
secondary status register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Secondary status
Type
R/WC
R/WC
R/WC
R/WC
R/WC
R
R
R/WC
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Register:
Secondary status
Type:
Read-only, Read/Write to Clear
Offset:
16h
Default:
0200h
Description: This register is compatible with the PCI-PCI bridge secondary status register. It indicates
CardBus related device information to the host system. This register is very similar to the PCI
status register (offset 06h), and status bits are cleared by a writing a 1. This register is not
shared by the two socket functions, but is accessed on a per socket basis.
Table 27. Secondary Status Register Description
BIT
TYPE
FUNCTION
15
R/WC
CBPARITY. Detected parity error. This bit is set when a CardBus parity error is detected, either address or data parity errors.
Write a 1 to clear this bit.
14
R/WC
CBSERR. Signaled system error. This bit is set when CSERR is signaled by a CardBus card. The PCI4450 does not assert
the CSERR signal. Write a 1 to clear this bit.
13
R/WC
CBMABORT. Received master abort. This bit is set when a cycle initiated by the PCI4450 on the CardBus bus has been
terminated by a master abort. Write a 1 to clear this bit.
12
R/WC
REC_CBTA. Received target abort. This bit is set when a cycle initiated by the PCI4450 on the CardBus bus was terminated
by a target abort. Write a 1 to clear this bit.
11
R/WC
SIG_CBTA. Signaled target abort. This bit is set by the PCI4450 when it terminates a transaction on the CardBus bus with
a target abort. Write a 1 to clear this bit.
10–9
R
CB_SPEED. CDEVSEL timing. These bits encode the timing of CDEVSEL and are hardwired to 01b indicating that the
PCI4450 asserts this signal at a medium speed.
8
R/WC
CB_DPAR. CardBus data parity error detected. Write a 1 to clear this bit.
0 = The conditions for setting this bit have not been met.
1 = A data parity error occurred and the following conditions were met:
a. CPERR was asserted on the CardBus interface.
b. The PCI4450 was the bus master during the data parity error.
c. The parity error response bit is set in the bridge control register.
7
R
CBFBB_CAP. Fast back-to-back capable. The PCI4450 cannot accept fast back-to-back transactions; therefore, this bit
is hardwired to 0.
6
R
CB_UDF. User definable feature support. The PCI4450 does not support the user definable features; therefore, this bit is
hardwired to 0.
5
R
CB66MHZ. 66 MHz capable. The PCI4450 CardBus interface operates at a maximum CCLK frequency of 33 MHz;
therefore, this bit is hardwired to 0.
4–0
R
Reserved. These bits return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com