Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI4450 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI4450
Description  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 17Page - Texas Instruments PCI4450 Datasheet HTML 18Page - Texas Instruments PCI4450 Datasheet HTML 19Page - Texas Instruments PCI4450 Datasheet HTML 20Page - Texas Instruments PCI4450 Datasheet HTML 21Page - Texas Instruments PCI4450 Datasheet HTML 22Page - Texas Instruments PCI4450 Datasheet HTML 23Page - Texas Instruments PCI4450 Datasheet HTML 24Page - Texas Instruments PCI4450 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
terminal functions (continued)
Table 15. CardBus PC Card Address and Data (slots A and B)
TERMINAL
GFN NO.
GJG NO.
I/O
FUNCTION
NAME
SLOT
A†
SLOT
B‡
SLOT
A†
SLOT
B‡
I/O
TYPE
FUNCTION
CAD31
CAD30
CAD29
CAD28
CAD27
CAD26
CAD25
CAD24
CAD23
CAD22
CAD21
CAD20
CAD19
CAD18
CAD17
CAD16
CAD15
CAD14
CAD13
CAD12
CAD11
CAD10
CAD9
CAD8
CAD7
CAD6
CAD5
CAD4
CAD3
CAD2
CAD1
CAD0
R1
P1
N3
N2
N1
K1
K3
K2
J2
J4
H1
H3
G2
G3
F1
A2
B3
B2
D5
C4
A3
B4
C5
C6
D7
C7
B6
B7
A6
C8
A7
B8
D9
B9
A9
D10
C10
C12
D12
A13
A14
C14
A15
D14
A16
B16
C16
E17
D19
C20
D20
E18
F18
G17
E20
G18
F20
H18
G20
H20
H19
J18
J17
J19
N7
M4
M1
M6
L5
K6
J6
J5
J1
H5
H4
H1
G4
G2
G5
B3
B4
D4
D5
A4
B5
A5
F6
A6
F7
B7
D7
G7
A7
B8
E8
A8
E9
B9
A9
F9
E10
D11
E12
D12
D13
B13
E13
B14
E14
B15
A15
E16
F14
E18
F16
F15
F19
G14
G15
G18
G13
H18
H16
H14
H19
J16
J15
J18
I/O
PC Card address and data. These signals make up the multiplexed CardBus address
and data bus on the CardBus interface. During the address phase of a CardBus cycle,
CAD31–CAD0 contain a 32-bit address. During the data phase of a CardBus cycle,
CAD31–CAD0 contain data. CAD31 is the most significant bit.
CC/BE3
CC/BE2
CC/BE1
CC/BE0
J1
F2
C3
A4
C13
A17
D18
F19
J2
G6
A2
D6
A12
E15
D19
G16
I/O
CardBus bus commands and byte enables. CC/BE3–CC/BE0 are multiplexed on the
same CardBus terminals. During the address phase of a CardBus cycle,
CC/BE3–CC/BE0 defines the bus command. During the data phase, this 4-bit bus is
used as byte enables. The byte enables determine which byte paths of the full 32-bit
data bus carry meaningful data. CC/BE0 applies to byte 0 (CAD7–CAD0), CC/BE1
applies to byte 1 (CAD15–CAD8), CC/BE2 applies to byte 2 (CAD23–CAD16), and
CC/BE3 applies to byte 3 (CAD31–CAD24).
CPAR
C2
B20
B1
C19
I/O
CardBusparity. In all CardBus read and write cycles, the PCI4450 calculates even parity
across the CAD and CC/BE buses. As an initiator during CardBus cycles, the PCI4450
outputsCPAR with a one-CCLK delay. As a target during CardBus cycles, the calculated
parity is compared to the initiator’s parity indicator; a compare error results in a parity
error assertion.
† Terminal name for slot A is preceded with A_. For example, the full name for terminal C2 is A_CPAR.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminal B20 is B_CPAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com