Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F05-75VIP Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25F05-75VIP
Description  512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F05-75VIP Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25F05-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN25F05
Rev. B, Issue Date: 2008/06/23
MEMORY ORGANIZATION
The memory is organized as:
65,536 bytes
Uniform Sector Architecture
2 blocks of 32-Kbyte
16 sectors of 4-Kbyte
256 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.
Table 2. Uniform Block Sector Architecture
Block
Sector
Address range
15
00F000h
00FFFFh
14
00E000h
00EFFFh
13
00D000h
00DFFFh
12
00C000h
00CFFFh
11
00B000h
00BFFFh
10
00A000h
00AFFFh
9
009000h
009FFFh
1
8
008000h
008FFFh
7
007000h
007FFFh
6
006000h
006FFFh
5
005000h
005FFFh
4
004000h
004FFFh
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
0
000000h
000FFFh
OPERATING FEATURES
SPI Modes
The EN25F05 is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (CS#), Serial Data Input (DI) and Serial Data Output (DO). Both SPI bus
operation Modes 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and
Mode 3, as shown in Figure 3, concerns the normal state of the CLK signal when the SPI bus
master is in standby and data is not being transferred to the Serial Flash. For Mode 0 the CLK signal
is normally low. For Mode 3 the CLK signal is normally high. In either case data input on the DI pin is
sampled on the rising edge of the CLK. Data output on the DO pin is clocked out on the falling edge
of CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com