Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F05-75VIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25F05-75VIP
Description  512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F05-75VIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25F05-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25F05
Rev. B, Issue Date: 2008/06/23
Figure 3. SPI Modes
Page Programming
To program one data byte, two instructions are required: Write Enable (WREN), which is one byte,
and a Page Program (PP) sequence, which consists of four bytes plus data. This is followed by the
internal Program cycle (of duration tPP).
To spread this overhead, the Page Program (PP) instruction allows up to 256 bytes to be pro-
grammed at a time (changing bits from 1 to 0), provided that they lie in consecutive addresses on
the same page of memory.
Sector Erase, Block Erase and Chip Erase
The Page Program (PP) instruction allows bits to be reset from 1 to 0. Before this can be applied,
the bytes of memory need to have been erased to all 1s (FFh). This can be achieved a sector at a
time, using the Sector Erase (SE) instruction, a block at a time using the Block Erase (BE)
instruction or throughout the entire memory, using the Chip Erase (CE) instruction. This starts an
internal Erase cycle (of duration tSE tBE or tCE). The Erase instruction must be preceded by a Write
Enable (WREN) instruction.
Polling During a Write, Program or Erase Cycle
A further improvement in the time to Write Status Register (WRSR), Program (PP) or Erase (SE, BE
or CE ) can be achieved by not waiting for the worst case delay (tW, tPP, tSE, tBE or tCE). The
Write In Progress (WIP) bit is provided in the Status Register so that the application program can
monitor its value, polling it to establish when the previous Write cycle, Program cycle or Erase cycle
is complete.
Active Power, Stand-by Power and Deep Power-Down Modes
When Chip Select (CS#) is Low, the device is enabled, and in the Active Power mode. When Chip
Select (CS#) is High, the device is disabled, but could remain in the Active Power mode until all
internal cycles have completed (Program, Erase, Write Status Register). The device then goes into
the Stand-by Power mode. The device consumption drops to ICC1.
The Deep Power-down mode is entered when the specific instruction (the Enter Deep Power-down
Mode (DP) instruction) is executed. The device consumption drops further to ICC2. The device re-
mains in this mode until another specific instruction (the Release from Deep Power-down Mode and
Read Device ID (RDI) instruction) is executed.
All other instructions are ignored while the device is in the Deep Power-down mode. This can be
used as an extra software protection mechanism, when the device is not in active use, to protect the
device from inadvertent Write, Program or Erase instructions.
Status Register.
The Status Register contains a number of status and control bits that can be read
or set (as appropriate) by specific instructions.
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com